Electronic Components Datasheet Search
  English  ▼

X  

AFB0605HD Datasheet(PDF) 2 Page - Delta Electronics, Inc.

Part # AFB0605HD
Description  60 x 60 x 20 MM SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

AFB0605HD Datasheet(HTML) 2 Page - Delta Electronics, Inc.

  AFB0605HD Datasheet HTML 1Page - Delta Electronics, Inc. AFB0605HD Datasheet HTML 2Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0
12.0 24.0
36.0
48.0
0.72
0.60
0.48
0.36
0.24
0.12
0
9.0
0
3.0
6.0
12.0
15.0
18.0
1.5
.90
1.2
.60
.30
0
AFB0612XD-A
OUTLET SIDE
INLET SIDE
Air Flow
(CFM)
(M3/MIN)
mm
(INCH)
UNIT:
mm
(INCH)
UNIT:
(4-ø0.177)
4-ø4.5
(4-ø0.177)
4-ø4.5
50.0
(1.969)
50.0
(1.969)
57.0
(2.244)
EH
SH
VH
60.0±0.5
50.0±0.3
8-Ø4.5±0.3
(8-Ø0.177±0.012)
(2.362±0.020)
(1.969±0.012)
LABEL
(0.787±0.020)
20.0±0.5
( 2-0.157±0.012)
2-4.0±0.3
333.0±10.0
(13.110±0.394)
10.0
(0.394)
14
http://www.deltaww.com
AFB
■
DIMENSIONS DRAWING
■
P & Q CURVE (AT RATED VOLTAGE)
■
MOUNTING PANEL CUTOUT
60 x 60 x 20 MM SERIES
* Bearing Type
Ball Bearings
* Material
Impeller & Frame : Plastic (UL 94V-0)
* Lead Wires :
UL 1007 AWG #24 OR Equivalent
Red Wire Positive (+)
Black Wire Negative (-)
* Weight : 56g (1.98 oz)
MODEL
Rated
Voltage
Operating
Voltage
Range
Input
Current
Input
Power
Speed
Maximum
Air Flow
Maximum
Air Pressure
Noise
PART NO.
REV. FUNCTION
VDC
VDC
Amp
Watt
R.P.M.
m3 /min
CFM
mmH2O
IN H2O
dB-A
AFB0612VHD
-A -R00 / -F00
12
7.0 to 13.8
0.19
2.28
5400
0.823
29.06
8.72
0.343
41.0
AFB0612SHD
-A -R00 / -F00
12
7.0 to 13.8
0.28
3.36
6000
0.911
32.17
10.41
0.410
43.0
AFB0612EHD
-A -R00 / -F00
12
7.0 to 13.8
0.31
3.72
6600
0.997
35.21
12.29
0.484
45.0
* Funcition type is optional.
* The max. air flow and the speed are measured in free air ; max. air pressure is measured at zero air flow.
* Noise is measured in anechoic chamber in free air, one meter from intake side.
* All readings are typical values at rated voltage.
* Specifications are subject to change without notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com