Electronic Components Datasheet Search
  English  ▼

X  

101P Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # 101P
Description  Miniature Audio Potted 101 Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

101P Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  101P Datasheet HTML 1Page - Hammond Manufacturing Ltd. 101P Datasheet HTML 2Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2/7/2021
Miniature Audio Potted (101 Series) - Hammond Mfg.
https://www.hammfg.com/electronics/transformers/audio/101
1/2
Data subject to change without notice
Miniature Audio Potted 101 Series
PC Board Mount
Features
Pin type, miniature size, P.C. board mount, net weight of only 0.1 oz.
Rugged potted construction produces a completely sealed unit withstanding severe
environmental conditions.
Secondary may be used as primary and primary as secondary.
Power level: Minimum frequency range: 300 Hz. to 100 Khz. +/- 0.5 db @ 100 mw
Frequency range @ +10 dbm is 200 Hz. to 100 Khz. +/- 0.5 db
Frequency range @ +15 dbm is 200 Hz. to 100 Khz. +/- 0.5 db
Frequency range @ +20 dbm is 300 Hz. to 100 Khz. +/- 0.5 db
Frequency measurements with no D.C. current saturation.
See data sheets for more detailed information.
Part No.
Nominal Impedance
Nominal Resistance
Useful Impedance Range
(Ohms)
(Ohms)
(Ohms)
Primary
Secondary
Primary
Secondary
Pri./Sec. to Pri./Sec.
101D
300 ct
600 ct
20.4
54
150/300
600/1200
101F
600 ct
600 ct
44
52
300/300
1200/1200
101H
1200 ct
600 ct
80
53
600/300
2400/1200
101J
2500 ct
600 ct
150
54
1250/300
5000/1200
101P
300 ct
50 ct
20.4
4.8
150/25
600/100
101R
600 ct
50 ct
44
4.7
300/25
1200/100
101V
2500 ct
50 ct
150.7
4.9
1250/25
5000/100
© 2021. Hammond Manufacturing Ltd. All rights reserved.
Quality Products. Service Excellence.


Similar Part No. - 101P

ManufacturerPart #DatasheetDescription
logo
Ashcroft, Inc.
101P1HB04 ASHCROFT-101P1HB04 Datasheet
1Mb / 3P
Acid Leak Detection (ALD) Assembly
RevF_03-23-22
101P1HB1A ASHCROFT-101P1HB1A Datasheet
1Mb / 3P
Acid Leak Detection (ALD) Assembly
RevF_03-23-22
101P1HB1B ASHCROFT-101P1HB1B Datasheet
1Mb / 3P
Acid Leak Detection (ALD) Assembly
RevF_03-23-22
101P1HB1C ASHCROFT-101P1HB1C Datasheet
1Mb / 3P
Acid Leak Detection (ALD) Assembly
RevF_03-23-22
101P1HB1D ASHCROFT-101P1HB1D Datasheet
1Mb / 3P
Acid Leak Detection (ALD) Assembly
RevF_03-23-22
More results

Similar Description - 101P

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
109L HAMMOND-109L Datasheet
350Kb / 2P
MINIATURE EPOXY POTTED AUDIO TRANSFORMER
109K HAMMOND-109K Datasheet
338Kb / 2P
MINIATURE EPOXY POTTED AUDIO TRANSFORMER
109J HAMMOND-109J Datasheet
339Kb / 2P
MINIATURE EPOXY POTTED AUDIO TRANSFORMER
108T HAMMOND-108T Datasheet
366Kb / 2P
MINIATURE EPOXY POTTED AUDIO TRANSFORMER
108N HAMMOND-108N Datasheet
368Kb / 2P
MINIATURE EPOXY POTTED AUDIO TRANSFORMER
108J HAMMOND-108J Datasheet
368Kb / 2P
MINIATURE EPOXY POTTED AUDIO TRANSFORMER
107R HAMMOND-107R Datasheet
451Kb / 2P
MINIATURE EPOXY POTTED AUDIO TRANSFORMER
107D HAMMOND-107D Datasheet
437Kb / 2P
MINIATURE EPOXY POTTED AUDIO TRANSFORMER
102B HAMMOND-102B Datasheet
127Kb / 1P
Miniature Audio Epoxy Potted 102 Series
2/7/2021
104K HAMMOND-104K Datasheet
123Kb / 1P
Miniature Audio Epoxy Potted 104 Series
2/7/2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com