Electronic Components Datasheet Search
  English  ▼

X  

2B2 Datasheet(PDF) 3 Page - Honeywell Solid State Electronics Center

Part # 2B2
Description  Pushbutton Switches and Indicators
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

2B2 Datasheet(HTML) 3 Page - Honeywell Solid State Electronics Center

  2B2 Datasheet HTML 1Page - Honeywell Solid State Electronics Center 2B2 Datasheet HTML 2Page - Honeywell Solid State Electronics Center 2B2 Datasheet HTML 3Page - Honeywell Solid State Electronics Center 2B2 Datasheet HTML 4Page - Honeywell Solid State Electronics Center 2B2 Datasheet HTML 5Page - Honeywell Solid State Electronics Center 2B2 Datasheet HTML 6Page - Honeywell Solid State Electronics Center 2B2 Datasheet HTML 7Page - Honeywell Solid State Electronics Center 2B2 Datasheet HTML 8Page - Honeywell Solid State Electronics Center 2B2 Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Manual Switches
Series 2
Pushbutton Switches and Indicators
Honeywell Sensing and Control 1-800-537-6945 USA
1-815-235-6847 International 1-800-737-3360 Canada
107
Flanges on long sides
FLANGE MOUNT MODULES
Flange mount assemblies are identical in
panel appearance. Operator-indicator
housings have spring clips for switch
modules attachment (not provided with
indicator housings).
Barriers are not required, since the panel
mounting clips are ready-attached to
flange sides of the housings. However,
spacing barriers can be used for color-
coding. They also aid in preventing inad-
vertent operation of two screens with one
push.
Mounting dimensions on page 114.
FLANGE MOUNT HOUSING ORDER GUIDE
See ‘‘Application Data’’ for typical bailing circuits for coil-equipped modules.
Tool Not Required
Flanges On:
No. of Lamp
Sockets
Operator-
Indicator
Indicator Only
Long Sides of
Housing
2 (A & C)
2C204
4 (A-D)
2C206
2F206
SPACING BARRIER ORDER GUIDE
For .06-31 in. (1,5-7,9 mm) thick panels.
Catalog Listings
Spacing Barrier
Type
Gray
Black
For Long Flange Housing
2B9
2B18



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com