Electronic Components Datasheet Search
  English  ▼

X  

DPS368 Datasheet(PDF) 39 Page - Infineon Technologies AG

Part # DPS368
Description  Digital XENSIVTM barometric pressure sensor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

DPS368 Datasheet(HTML) 39 Page - Infineon Technologies AG

Back Button DPS368 Datasheet HTML 35Page - Infineon Technologies AG DPS368 Datasheet HTML 36Page - Infineon Technologies AG DPS368 Datasheet HTML 37Page - Infineon Technologies AG DPS368 Datasheet HTML 38Page - Infineon Technologies AG DPS368 Datasheet HTML 39Page - Infineon Technologies AG DPS368 Datasheet HTML 40Page - Infineon Technologies AG DPS368 Datasheet HTML 41Page - Infineon Technologies AG DPS368 Datasheet HTML 42Page - Infineon Technologies AG DPS368 Datasheet HTML 43Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
8.12
Coefficient Source
States which internal temperature sensor the calibration coefficients are based on: the ASIC temperature sensor
or the MEMS element temperature sensor. The coefficients are only valid for one sensor and it is highly
recommended to use the same temperature sensor in the application. This is set-up in the Temperature
Configuration register.
TMP_COEF_SRCE
Address:
28H
Temperature Coefficients Source
Reset value:
XXH
7
6
5
4
3
2
1
0
TMP_COEF_
SRCE
-
r
-
Field
Bits
Type
Description
TMP_COEF_SRCE
7
r
Temperature coefficients are based on:
0 - Internal temperature sensor (of ASIC)
1 - External temperature sensor (of pressure sensor MEMS
element)
-
6:0
-
Reserved
9
Package Dimensions
The sensor package is a 8-pin PG-VLGA-8-2, 2.0 x 2.5 x 1.1 mm3, with 0.65 mm pitch.
9.1
Package drawing
DPS368
Digital XENSIVTM barometric pressure sensor
Package Dimensions
Datasheet
39
v1.1
2019-07-03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com