Electronic Components Datasheet Search
  English  ▼

X  

MM700 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MM700
Description  Digital Multimeter TRMS/Low Impedance, 1000V
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MM700 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MM700 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Catalog No. MM700
Digital Multimeter TRMS/Low Impedance, 1000V
Klein Tools MM700 Multimeter is an automatically ranging true root mean squared (TRMS) digital multimeter that measures AC/DC voltage, AC/DC
current, and resistance. It can also measure temperature, capacitance, frequency, duty-cycle, diodes and continuity. Klein Tools’ Test and
Measurement product line was exclusively designed from the ground up by electricians for electricians. Years of field research, combined with extensive
input from electricians across America, inspired the development of meters and electrical testers loaded with innovative, time-saving features.
Specifications
Batteries:
2 x AAA
Drop Protection:
6.6' (2 m)
Display:
4000 Count LCD
Functions:
Measures up to 1000V AC/DC voltage, 10A
AC/DC current and 40M? resistance plus
temperature, capacitance, frequency, duty-
cycle, diodes and continuity
Voltage:
1000V AC; 1000 V DC
Frequency:
1Hz - 500 KHz
Current:
10A AC; 10A DC
Capacitance:
4000µF
Ohms (Resistance):
40MO
Ingress Protection:
IP42
Standard:
CAT IV 600V
Temperature Range:
0° - 1500°F (-18° - 816°C)
Included:
Carrying Case, Test Leads, Thermocouple,
Batteries, and Alligator Clips
Overall Length:
7'' (17.8 cm)
Overall Height:
2.09'' (5.3 cm)
Overall Width:
3.55'' (9 cm)
Weight:
14.4 oz (408 g)


Similar Part No. - MM700

ManufacturerPart #DatasheetDescription
logo
Klein Tools, Inc.
MM700 KLEIN-MM700 Datasheet
62Kb / 1P
Digital Multimeter TRMS/Low Impedance, 1000V
logo
List of Unclassifed Man...
MM7000-2D ETC-MM7000-2D Datasheet
118Kb / 2P
DUAL PURPOSE SURFACE / IMMERSION PROBE TYPE ‘K’
MM7005-2D ETC-MM7005-2D Datasheet
118Kb / 2P
DUAL PURPOSE SURFACE / IMMERSION PROBE TYPE ‘K’
More results

Similar Description - MM700

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
MN15A EXTECH-MN15A Datasheet
321Kb / 12P
Mini Digital Multimeter
logo
Agilent(Hewlett-Packard...
U1241A HP-U1241A Datasheet
371Kb / 6P
U1241A/U1242A Handheld Digital Multimeter
U1230 HP-U1230 Datasheet
327Kb / 10P
Handheld Digital Multimeter (DMM)
logo
Keysight Technologies
U2741A KEYSIGHT-U2741A Datasheet
1Mb / 11P
USB Modular Digital Multimeter
34401A KEYSIGHT-34401A Datasheet
863Kb / 6P
34401A Digital Multimeter
M9181A KEYSIGHT-M9181A Datasheet
251Kb / 8P
M9181A PXI Digital Multimeter
logo
TEKTRONIX, INC.
DMM4040 TEKTRONIX-DMM4040 Datasheet
2Mb / 112P
Digital Multimeter
logo
Good Will Instrument Co...
GDM-8034 GWINSTEK-GDM-8034 Datasheet
571Kb / 1P
3 1/2 DIGITAL MULTIMETER
logo
List of Unclassifed Man...
D35 ETC-D35 Datasheet
215Kb / 2P
Bluetooth Digital Multimeter
OW18D ETC-OW18D Datasheet
523Kb / 1P
Bluetooth Digital Multimeter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com