Electronic Components Datasheet Search
  English  ▼

X  

2D33 Datasheet(PDF) 4 Page - Honeywell Solid State Electronics Center

Part # 2D33
Description  Pushbutton Switches and Indicators
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

2D33 Datasheet(HTML) 4 Page - Honeywell Solid State Electronics Center

  2D33 Datasheet HTML 1Page - Honeywell Solid State Electronics Center 2D33 Datasheet HTML 2Page - Honeywell Solid State Electronics Center 2D33 Datasheet HTML 3Page - Honeywell Solid State Electronics Center 2D33 Datasheet HTML 4Page - Honeywell Solid State Electronics Center 2D33 Datasheet HTML 5Page - Honeywell Solid State Electronics Center 2D33 Datasheet HTML 6Page - Honeywell Solid State Electronics Center 2D33 Datasheet HTML 7Page - Honeywell Solid State Electronics Center 2D33 Datasheet HTML 8Page - Honeywell Solid State Electronics Center 2D33 Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Manual Switches
Series 2
Pushbutton Switches and Indicators
108
Honeywell H Sensing and Control 1-800-537-6945 USA
1-815-235-6847 International 1-800-737-3360 Canada
SWITCH MODULES
Interchangeable type 2D switch modules
attach to spring clips on the bottom of
operator-indicator housings. There is a
wide selection of circuitry, electrical rat-
ings, operating actions and terminations.
For mounting dimensions, see page 115.
ELECTRICAL RATING
Silver contacts:
30 VDC: 5 amps res. sea level or 50,000 ft,
3 amps ind. sea level, 2.5 amps 50,000 ft.
Max. inrush, 24 amps.
UL and CSA rating for basic switch: 5
amps, 125 or 250 VAC.
Gold contacts:
30 VDC: 0.5 amp ind.,1amp res., sea level
and 50,000 ft. Max. inrush, 2 amps.
SM SUBMINIATURE MULTI-SPDT SWITCH MODULES
Momentary action
Alternate action
SM switch modules offer a choice of two
momentary action styles, one with a pro-
nounced touch-feedback, the other with
low operating force for rapid repeat ac-
tuation. Also available with alternate-
action and combination momentary/
alternate action modules. Extra length
turret solder terminals.
SM SWITCH MODULE ORDER GUIDE
Momentary Action
Alternate Action
Touch-Feedback Type
Low Force Type
No. of
SPDT Circuits
Silver Contacts
Silver Contacts
1
2D100
2D118
2
2D2
2D26
4
2D9
2D33
V3 COMPACT SPDT/DPDT SWITCH MODULES
V3 switch modules have screw terminals
with lockwashers. Quick-connect termi-
nals (not shown) are also available. When
used with short-flange operator indica-
tors, add spacing barriers to prevent
interference.
ELECTRICAL RATING
30 VDC: 10 amps ind.* sea level, 6 amps
ind.,* 50,000 ft. Motor load, 6 amps.** UL
and CSA rating for basic switch: 10 amps,
1
⁄3 Hp, 125 or 250 VAC; 1⁄2 amp, 125 VDC;
1
⁄4 amp, 250 VDC.
* Inductive currents in accordance with AN3179.
** Motor load rating based on starting current.
V3 SWITCH MODULE ORDER GUIDE
No. of SPDT
Circuits
Momentary Action
1
2D70
2
2D72



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com