Electronic Components Datasheet Search
  English  ▼

X  

SLSTK3701A Datasheet(PDF) 20 Page - Silicon Laboratories

Part # SLSTK3701A
Description  EFM32 Giant Gecko GG11 Starter Kit
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SLSTK3701A Datasheet(HTML) 20 Page - Silicon Laboratories

Back Button SLSTK3701A Datasheet HTML 16Page - Silicon Laboratories SLSTK3701A Datasheet HTML 17Page - Silicon Laboratories SLSTK3701A Datasheet HTML 18Page - Silicon Laboratories SLSTK3701A Datasheet HTML 19Page - Silicon Laboratories SLSTK3701A Datasheet HTML 20Page - Silicon Laboratories SLSTK3701A Datasheet HTML 21Page - Silicon Laboratories SLSTK3701A Datasheet HTML 22Page - Silicon Laboratories SLSTK3701A Datasheet HTML 23Page - Silicon Laboratories SLSTK3701A Datasheet HTML 24Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
6.8 USB Micro-AB Connector
The SLSTK3701A board is equipped with a USB Micro-AB connector interfacing with the EFM32's USB peripheral. This allows the de-
velopment and evaluation of applications using USB in both host and device mode. For host mode, the board can supply 5V power to
the USB VBUS if the board itself has been powered using the debug-USB connector. The VBUS power switch also provides an over-
current flag which can be read in order to detect if a connected device draws too much current.
The secondary AEM channel (see chapter on Advanced Energy Monitoring) is placed between the USB connector and the EFM32, and
allows monitoring of the current sourced from the USB cable when developing a bus-powered USB application. The AEM circuit in-
cludes an input filter and a sense resistor on the VBUS line, which could potentially influence USB compliance testing. If it is required,
the AEM circuit can be bypassed by removing some components and shorting a footprint on the PCB. More details about this can be
found in the schematic.
The secondary AEM channel will only measure current consumption when the power selector switch is set to the "USB" position.
The EFM32 has an internal LDO regulator that powers the USB PHY inside the chip. 5 V from VBUS is applied to the USB_VREGI pin,
and the output is decoupled on the USB_VREGO pin. When the power select switch is set to the USB position, USB_VREGO is con-
nected to the VMCU net, which powers the chip and all peripherals in the target voltage domain. When the J-Link USB cable is inser-
ted, it is possible to monitor the current that supplies the USB PHY, the EFM32 device and all user peripherals on the board.
VBUS
USB_D+
USB_D-
EFM32
USB_VBUS
USB_VREGI
USB_VREGO
PF10 (USB_DM)
PF11 (USB_DP)
5V
USB_ID
USB_VBUS_ENABLE
USB Micro-AB
Connector
PF5 (USB_VBUSEN)
PF4 (GPIO)
USB_VBUS_OC_FAULT
PF12 (USB_ID)
Power selector switch
SENSE
Advanced
Energy
Monitor
Figure 6.8. USB Connector And Power Supply
UG287: EFM32 Giant Gecko GG11 Starter Kit User's Guide
Peripherals
silabs.com | Building a more connected world.
Rev. 1.10 | 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com