Electronic Components Datasheet Search
  English  ▼

X  

EVPAV Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EVPAV
Description  Light Touch Switches/EVPAV
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EVPAV Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EVPAV Datasheet HTML 1Page - Panasonic Semiconductor EVPAV Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Light Touch Switches/EVPAV
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
– ES107 –
General dimension tolerance :
± 0.1
( )dimensions are reference dimensions.
This reference specifications are subject to change.
1
2
3
4
Circuit Diagram
1
2
3
4
81 These dimensions are
from the outer shape
to the center of push plate.
82 These dimensions are
from the center of datum A.
This product is designed to be smaller
than the conventional type, which lowered
the film peel off strength. Therefore please
avoid to apply force to a push plate from
side, or/and avoid set-knob to touch push
plate during insertion to a set-case.
Soldering thickness t=0.1
±0.02
2.8
A
(
φ0.75)
φ0.6
2.3
±0.2
(2.8)
(1.88)
0.65
±0.15
2.00
±0.15
1.50
±0.05
PWB land pattern for reference
Push plate side
Push plate
Adhesive
0.92
±0.05
3.20
±0.05
81)1.4±0.2
180
260
MAX.
150
230
90
±30
40
±10
(Normal Temp.)
Soldering Time (s)
Fan or Normal Temp.
G
F
A
E
C
D
Taping condition : Lack of products in the middle of taping should be
one MAX, but total quantity specified in the
specifications should be secured.
Peeling off strength of top tape : It should be within 0.2N to 1. ON at
165 degree in peeling off angle.
Joint of carrier tape : One joint per one reel may exist.
Tape running direction
F
φG
D
E
I
Tape width=8.0 mm
Feeding hole
Chip
pocket
■ Dimensions in mm (not to scale)
EVPAV
✻ Height from surface of PCB : 0.975 mm
● Embossed Carrier Taping
■ Recommended Reflow Soldering Conditions
● Standard Reel Dimensions in mm (not to scale)
Item
A
B
C
D
E
Rate (mm)
φ380.0±2.0 φ80.0±1.0 φ13.0±0.5 φ21.0±1.0
2.0±0.5
Item
F
G
Rate (mm)
9.4±1.0
13.4±1.0
Unit: mm
Part No.
Height
A
B
C
D
E
F
G
H
I
J
K
L
t
EVPAV
1.95
8.0±0.3 1.75±0.10 3.5±0.1
4.0±0.1
4.0±0.1
2.0±0.1
1.5
+0.1
3.1±0.2
2.8±0.2 1.35±0.20 2.7±0.2
(6.25)
0.3±0.1
0
Oct. 2012
00



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com