Electronic Components Datasheet Search
  English  ▼

X  

232MDS Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # 232MDS
Description  Serial Modem Data Splitters
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

232MDS Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  232MDS Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
All product specifications are subject to change without notice.
www.advantech-bb.com
Corporate Headquarters: 707 Dayton Road, PO Box 1040 Ottawa, IL 61350 USA 815-433-5100 Fax 433-5104
European Office: Westlink Commercial Park, Oranmore Co. Galway Ireland +353 91 792444 Fax +353 91 792445
orders@advantech-bb.com
support@advantech-bb.com
SPECIFICATIONS
SERIAL TECHNOLOGY
RS-232
9PMDS - Connectors
Straight Through Ports: (2) DB9 Female
Monitoring Port: (1) DB9 Male
232MDS - Connectors Straight Through Ports: (2) DB25 Female
Monitoring Port: (1) DB25 Male
Installation
In-line
MECHANICAL
Weight 9PMDS: 81.7 grams (0.18 lbs)
232MDS: 176.9 grams (0.39 lbs)
ENVIRONMENTAL
Operating Temperature 0 to +70 °C (+32 to +185 °F)
Storage Temperature
-40 to +85 °C (-40 to +185 °F)
Operating Humidity
0 to 95% Non-Condensing
MTBF
9PMDS: 2595488 hours
232MDS: 1133093 hours
MTBF Calc. Method
MIL 217F Parts Count Reliability Prediction
APPROVALS / CERTIFICATIONS - 9PMDS, 232MDS
FCC
CE
2011/65/EU
Reduction of Hazardous Substances Directive (RoHS)
2012/19/EU
Waste Electrical and Electronic Equipment (WEEE)
9PMDS - WIRING
Serial Modem Data Splitters
Models 9PMDS, 232MDS
With B+B SmartWorx’ serial port splitters you gain reliability by capturing data from
one peripheral on redundant PCs. These serial RS-232 splitters can improve a
system’s economy by sharing multiple PCs on a single peripheral.
Model 9PMDS connects two computers or terminals to one modem without
switching. The splitter can combine two 9-pin DTE ports to one 9-pin DCE port.
Model 232MDS can be connected so two computers or terminals can use one
modem without switching. This modem data splitter can combine two 25-pin DTE
ports and connect them to a 25-pin DCE port.
• Computers & terminals use one modem without switching
• Connect two PCs to one peripheral
• Use with modems, scanners, scales, other serial devices
• Quick plug-and-play installation – no configuration required
• May be left permanently installed
PRODUCT FEATURES
ACCESSORIES
9PAMF6 - DB9 Male to DB9 Female, 6 ft. (1.8 m)
232CAM - DB9 Female to DB25 Male, 6 ft. (1.8 m)
232CAMS - DB9 Female to DB25 Male, 6 in (15.2 cm)
232AMF5 - DB25 Male to DB25 Female, 6 ft. (1.8 m)
ORDERING INFORMATION
MODEL NUMBER
PC PORTS
PERIPHERAL PORTS
9PMDS
(2) DB9 Female
(1) DB9 Male
232MDS
(2) DB25 Female
(1) DB25 Male
232MDS - WIRING
9PMDS, 232MDS_2917ds


Similar Part No. - 232MDS

ManufacturerPart #DatasheetDescription
logo
Littelfuse
232 LITTELFUSE-232 Datasheet
124Kb / 2P
Axial Lead and Cartridge Fuses - Designed to METI Standard
logo
3M Electronics
232 3M-232 Datasheet
29Kb / 2P
High Performance Masking Tape
Feb-2011
logo
Littelfuse
232 LITTELFUSE-232 Datasheet
258Kb / 4P
FUSE HOLDER SELECTION GUIDE
logo
Keystone Electronics Co...
232 KEYSTONE-232 Datasheet
538Kb / 1P
9 VOLT STRAPS
31-07 20th
logo
RUKO GmbH Präzisionswe...
232 020 RUKO-232 020 Datasheet
267Kb / 1P
Machine taps M DIN 371 HSS und HSSE-Co 5, ground
More results

Similar Description - 232MDS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XE2401L ETC-XE2401L Datasheet
80Kb / 12P
2400bps Serial Input Component Modem
logo
Advantech Co., Ltd.
HSPA-303 ADVANTECH-HSPA-303 Datasheet
163Kb / 1P
HSUPA USB Data Modem
logo
Synaptics Incorporated.
CX81801 CONEXANT-CX81801 Datasheet
219Kb / 2P
Serial/Parallel Modem with 3rd
logo
Murata Manufacturing Co...
ZN-241G MURATA-ZN-241G Datasheet
177Kb / 3P
General Purpose Wireless Serial Modem
logo
Cooper Bussmann, Inc.
915U-D COOPER-915U-D Datasheet
98Kb / 3P
915U-D Wireless Serial Modem
805U-D COOPER-805U-D Datasheet
89Kb / 3P
805U-D Wireless Serial Modem
455U-D-H COOPER-455U-D-H Datasheet
365Kb / 3P
455U-D Wireless Serial Modem
logo
PHOENIX CONTACT
104460 PHOENIX-104460 Datasheet
285Kb / 9P
PSI-MODEM-SHDSL/SERIAL
2313067 PHOENIX-2313067 Datasheet
86Kb / 6P
Modem - PSI-DATA/BASIC-MODEM/RS232
09/12/2020
2313669 PHOENIX-2313669 Datasheet
730Kb / 17P
Modem - PSI-MODEM-SHDSL/SERIAL
Dec 2, 2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com