Electronic Components Datasheet Search
  English  ▼

X  

LVC16646A Datasheet(PDF) 7 Page - Texas Instruments

Part # LVC16646A
Description  16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LVC16646A Datasheet(HTML) 7 Page - Texas Instruments

Back Button LVC16646A Datasheet HTML 3Page - Texas Instruments LVC16646A Datasheet HTML 4Page - Texas Instruments LVC16646A Datasheet HTML 5Page - Texas Instruments LVC16646A Datasheet HTML 6Page - Texas Instruments LVC16646A Datasheet HTML 7Page - Texas Instruments LVC16646A Datasheet HTML 8Page - Texas Instruments LVC16646A Datasheet HTML 9Page - Texas Instruments LVC16646A Datasheet HTML 10Page - Texas Instruments LVC16646A Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
www.ti.com
Switching Characteristics
Operating Characteristics
SN74LVC16646A
16-BIT BUS TRANSCEIVER AND REGISTER
WITH 3-STATE OUTPUTS
SCES408B – AUGUST 2002 – REVISED APRIL 2005
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 2)
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
VCC = 2.7 V
FROM
TO
± 0.15 V
± 0.2 V
± 0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
fmax
85
125
150
150
MHz
A or B
B or A
11.3
6.2
6
0.5
5.2
tpd
CLKAB or CLKBA
12.4
7.2
7
1.8
6
ns
A or B
SAB or SBA
13.5
7.3
7
1.7
6.1
ten
13
9.5
8.5
1.3
6.9
OE
A or B
ns
tdis
12
8.5
7.7
2.1
6.9
ten
13
9.5
8.5
1.4
7.2
DIR
A or B
ns
tdis
12
8.5
7.8
2
7
tsk(o)
1
1
1
ns
T
A = 25°C
VCC = 1.8 V VCC = 2.5 V VCC = 3.3 V
TEST
PARAMETER
UNIT
CONDITIONS
TYP
TYP
TYP
Outputs enabled
53
55
60
Power dissipation capacitance
Cpd
f = 10 MHz
pF
per transceiver
Outputs disabled
9
10
12
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com