Electronic Components Datasheet Search
  English  ▼

X  

USO9ML2 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # USO9ML2
Description  USB to RS-232 Converter With Isolation
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

USO9ML2 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  USO9ML2 Datasheet HTML 1Page - Advantech Co., Ltd. USO9ML2 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Corporate Headquarters: 707 Dayton Road, PO Box 1040 Ottawa, IL 61350 USA 815-433-5100 Fax 433-5104
European Office: Westlink Commercial Park, Oranmore Co. Galway Ireland +353 91 792444 Fax +353 91 792445
orders@advantech-bb.com
support@advantech-bb.com
7.7 cm
3.0 in
4.3 cm
1.7 in
2.3 cm
0.9 in
7.7 cm
3.0 in
4.3 cm
1.7 in
2.3 cm
0.9 in
USB to RS-232 Converter
With Isolation
Models USO9ML2, USO9ML2-LS
SPECIFICATIONS
SERIAL TECHNOLOGY
RS-232
TD, RD, RTS, CTS, DTR, DSR, DCD, GND
Connector
DB9 Male
Data Rate
460.8 kbps
Isolation
2 kV
USB TECHNOLOGY
USB Compatibility
1.1 and 2.0 (at full speed)
Speed
12 Mbps (full)
Connector
Type B
Operating System
Windows 2000, XP (32/64 bit), Vista (32/64 bit), 7 (32/64 bit),
8 (32/64 bit), 10 (32/64 bit), 2003 & 2008 Server (32/64 bit)
POWER
Source
USB Bus Powered
Power Consumption
Low Power Device (Less than 100 mA)
INDICATORS
TD / RD (RS-232)
Red LED
MECHANICAL
Dimensions
7.7 x 4.3 x 2.3 cm (3.0 x 1.7 x 0.9 in)
Enclosure
IP 30, Plastic
Weight
6.4 oz (0.18 kg)
MTBF
247713 hours
MTBF Calc. Method
MIL 217F Parts Count Reliability
ENVIRONMENTAL
Operating Temperature
0 to 70°C
Storage Temperature
-40 to 85°C
Operating Humidity
0 to 95% Non-condensing
MECHANICAL DIAGRAM
APPROVALS / CERTIFICATIONS
2004/108/EC
Electromagnetic Compatibility Directive
2011/65/EU
Reduction of Hazardous Substances Directive
EN55022: Class B
Information technology equipment - RF Emissions
EN55024
Information technology equipment - Immunity
EN 6100-6-1
Generic Standards for Residential, Commercial and Light-Industrial
Environments
EN61000-4-2
ESD Immunity
EN61000-4-3: +A2
Radiated Immunity
EN61000-4-4
EFT/Burst Immunity
EN61000-4-6
RF Conducted Immunity



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com