Electronic Components Datasheet Search
  English  ▼

X  

470X Datasheet(PDF) 1 Page - Switchcraft, Inc.

Part # 470X
Description  2 CONDUCTORE MIL TYPE PHONE ASSEMBLY
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

470X Datasheet(HTML) 1 Page - Switchcraft, Inc.

  470X Datasheet HTML 1Page - Switchcraft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1.56
39.7
0.44
11.1
0.75
19.1
0.281
7.14
REF
PLUG BODY I.D.
HANDLE
SEE TABLE & NOTE 3
7/16-20 THREAD
SLEEVE TERMINAL
SEE NOTE 2
U-CLAMP
SEE NOTE 2
TIP TERMINAL
SEE NOTE 2
2X SCREWS #2-64
SEE NOTE 2
2.86
72.5
0.25
6.4
0.78
19.8
1.22
30.9
0.01
0.3
0.50
12.7
0.297
7.54
REF
HANDLE I.D.
NOTES:
1. MATERIALS:
PLUG BODY, TIP ROD - BRASS
INSULATION - THERMOPLASTIC BLACK
HANDLE - BRASS, NICKEL PLATED
TERMINALS - BRASS, TIN PLATED
SCREWS - BRASS
U-CLAMP - STEEL, TIN PLATED
2. TERMINALS, SCREWS AND U-CLAMP ARE SHIPPED
UNASSEMBLED AS HARDWARE KIT #K165X.
3. HANDLE IS SHIPPED UNASSEMBLED.
4. THESE PRODUCTS ARE RoHS COMPLIANT.
PART NUMBER
HANDLE
COLOR
440X
BLACK
445X
RED
A
470X
2 CONDUCTOR, MIL TYPE
PHONE PLUG ASSEMBLY, RoHS
DO NOT SCALE DRAWING
REVISIONS
APVD
BY
DATE
ECO NUMBER
REV
REV
PART No.
NAME
1. ALL DIMENSIONS IN INCHES [mm]
- TWO PLACE DECIMALS
0.02 [0.5]
- THREE PLACE DECIMALS
0.005 [0.13]
1
OF
1
SHEET
TJK
2-3-17
TO
2-3-17
TJK
2-3-17
TJK
TJK
10-12-16
27790
A
APVD
CHKD
BY
DATE DRAWN
1:1
SCALE
FIRST USED ON
SPEC No.
SPEC No.
MATERIAL
FINISH
UNLESS OTHERWISE SPECIFIED
TEMPER
LBS/M
MULT
WIDTH
SIZE
THIS DRAWING DESCRIBES A DESIGN CONSIDERED PROPRIETARY IN NATURE, DEVELOPED AND MANUFACTURED
BY SWITCHCRAFT INC. AND IS RELEASED ON A CONFIDENTIAL BASIS FOR IDENTIFICATION PURPOSES ONLY.
A
SolidWorks CAD File
CUSTOMER DRAWING


Similar Part No. - 470X

ManufacturerPart #DatasheetDescription
logo
Productwell Precision E...
470 PRODUCTWELL-470 Datasheet
178Kb / 4P
SHIELDED SMT POWER INDUCTORS
logo
Oscilent Corporation
470 OSCILENT-470 Datasheet
142Kb / 2P
HCMOS / TTL Output
logo
Littelfuse
470 LITTELFUSE-470 Datasheet
541Kb / 3P
The 470 series is a family of 125V rated high energy SMD fuses
logo
AiT Semiconductor Inc.
470 AITSEMI-470 Datasheet
817Kb / 4P
POWER INDUCTOR
470 AITSEMI-470 Datasheet
718Kb / 4P
WIRE WOUND SMD INDUCTOR
More results

Similar Description - 470X

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
CT1469-2 AEROFLEX-CT1469-2 Datasheet
90Kb / 10P
CT1469-2 MIL-STD-1397 Type E 10MHz Transceiver
logo
Holtek Semiconductor In...
HT95AXXX HOLTEK-HT95AXXX Datasheet
360Kb / 48P
I/O Type Phone 8-Bit MCU
May 26, 2004
HT95LXXX HOLTEK-HT95LXXX Datasheet
364Kb / 52P
LCD Type Phone 8-Bit MCU
May 26, 2004
logo
List of Unclassifed Man...
DLBM-CG121 ETC1-DLBM-CG121 Datasheet
318Kb / 40P
A Class 2 Bluetooth module suitable for cellular phone, smart phone applications.
logo
Holtek Semiconductor In...
HT95CXXX HOLTEK-HT95CXXX Datasheet
416Kb / 51P
CID Type Phone 8-Bit MCU
May 26, 2005
logo
Amphenol Corporation
MS3102A20-15P AMPHENOL-MS3102A20-15P Datasheet
2Mb / 73P
Amphenol MIL-DTL-5015 and MIL-5015 Type Standard
logo
Glenair, Inc.
180_118 GLENAIR-180_118_06 Datasheet
275Kb / 1P
Next Generation MIL-PRF-64266/2 (NGCON) Type
947-042 GLENAIR-947-042 Datasheet
257Kb / 2P
MIL-DTL-5015 Type Hermetic
947-259 GLENAIR-947-259 Datasheet
419Kb / 2P
MIL-DTL-5015 Type Hermetic
logo
Bertech.
KPT2 BERTECH-KPT2 Datasheet
167Kb / 1P
2 Mil Kapton Tape
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com