Electronic Components Datasheet Search
  English  ▼

X  

GLS-1 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # GLS-1
Description  Magnetic Proximity Sensor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

GLS-1 Datasheet(HTML) 2 Page - Omron Electronics LLC

  GLS-1 Datasheet HTML 1Page - Omron Electronics LLC GLS-1 Datasheet HTML 2Page - Omron Electronics LLC GLS-1 Datasheet HTML 3Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
GLS
GLS
2
Dimensions
Unit: mm (inch)
J GLS-S1
J GLS-M1
Two, 3.8-dia (0.15)
+0.3/–0.2
(0.01/–0.008) holes
40"0.2
30 (1.18)
50
(1.97)
14
(0.55)
40"0.2
25 (0.98)
14
(0.55)
10
(0.39)
(1.57 ".0078)
4 (0.16)
1 (0.04)
7.5
(0.30)
50
(1.97)
30
(1.18)
14
(0.55)
1 (0.04)
4 (0.16)
10
(0.39)
Two, 3.8-dia (0.15)
+0.3/–0.2
(0.01/–0.008) holes
(1.57 ".0078)
Precautions
J MOUNTING
The characteristics of the GLS will change if the GLS is mounted
to ferrous materials, such as a steel plate.
J AVOID EXCESSIVE SHOCK
Do not impose excessive shock to the Sensor (e.g., dropping the
Sensor from a height of 80 cm (31.49 in) or more), or the Sensor
may malfunction.
Direction of
movement
OFF zone
OFF zone
ON zone
Direction of
movement
Direction of
movement
Direction of
movement
GLS-S1
GLS-M1
GLS-M1
GLS-M1
GLS-S1
GLS-S1
GLS-M1
ON zone
GLS-S1
18
(0.71)
24
(0.94)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com