Electronic Components Datasheet Search
  English  ▼

X  

AT24CM01 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT24CM01
Description  I2C-Compatible (2-wire) Serial EEPROM 1-Mbit (131,072 x 8)
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24CM01 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT24CM01 Datasheet HTML 1Page - ATMEL Corporation AT24CM01 Datasheet HTML 2Page - ATMEL Corporation AT24CM01 Datasheet HTML 3Page - ATMEL Corporation AT24CM01 Datasheet HTML 4Page - ATMEL Corporation AT24CM01 Datasheet HTML 5Page - ATMEL Corporation AT24CM01 Datasheet HTML 6Page - ATMEL Corporation AT24CM01 Datasheet HTML 7Page - ATMEL Corporation AT24CM01 Datasheet HTML 8Page - ATMEL Corporation AT24CM01 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Atmel-8812F-SEEPROM-AT24CM01-Datasheet_012015
Features
Low Voltage and Standard Voltage Operation Available
̶
1.7V (VCC = 1.7V to 5.5V)
̶
2.5V (VCC = 2.5V to 5.5V)
Internally Organized 131,072 x 8
2-wire Serial Interface
Schmitt Triggers, Filtered Inputs for Noise Suppression
Bidirectional Data Transfer Protocol
400kHz (1.7V) and 1MHz (5V, 2.5V) Compatibility
Write Protect Pin for Hardware Data Protection
256-byte Page Write Mode
̶
Partial Page Writes Allowed
Random and Sequential Read Modes
Self-timed Write Cycle (5ms Max)
High Reliability
̶
Endurance: 1,000,000 Write Cycles
̶
Data Retention: 40 Years
Green Package Options (Pb/Halide-free/RoHS Compliant)
̶
8-lead JEDEC SOIC, 8-lead EIAJ SOIC, 8-lead TSSOP, and 8-ball WLCSP
Die Sale Options: Wafer Form and Tape and Reel Available
Description
The Atmel® AT24CM01 provides 1,048,576 bits of Serial Electrically Erasable and
Programmable Read-Only Memory (EEPROM) organized as 131,072 words of
8 bits each. The device’s cascadable feature allows up to four devices to share a
common 2-wire bus. The device is optimized for use in many industrial and
commercial applications where low power and low voltage operation are
essential. The devices are available in space-saving 8-lead JEDEC SOIC, 8-lead
EIAJ SOIC, 8-lead TSSOP, and 8-ball WLCSP. In addition, the entire family is
available in 1.7V (1.7V to 5.5V) and 2.5V (2.5V to 5.5V) versions.
AT24CM01
I2C-Compatible (2-wire) Serial EEPROM
1-Mbit (131,072 x 8)
DATASHEET


Similar Part No. - AT24CM01

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24CM01 ATMEL-AT24CM01 Datasheet
885Kb / 21P
I2C-Compatible (2-wire) Serial EEPROM 1-Mbit (131,072 x 8)
AT24CM01-SHD ATMEL-AT24CM01-SHD Datasheet
885Kb / 21P
I2C-Compatible (2-wire) Serial EEPROM 1-Mbit (131,072 x 8)
AT24CM01 ATMEL-AT24CM01_14 Datasheet
885Kb / 21P
IC-Compatible (2-wire) Serial EEPROM
More results

Similar Description - AT24CM01

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C1024 ATMEL-AT24C1024 Datasheet
291Kb / 19P
2-wire Serial EEPROM 1M (131,072 x 8)
AT24CS01 ATMEL-AT24CS01 Datasheet
844Kb / 23P
I2C-Compatible (2-wire) Serial EEPROM
AT24C04C-PUM ATMEL-AT24C04C-PUM Datasheet
831Kb / 24P
I2C-Compatible, (2-wire) Serial EEPROM
AT24C08C-SSHM-B ATMEL-AT24C08C-SSHM-B Datasheet
831Kb / 24P
I2C-Compatible, (2-wire) Serial EEPROM
AT24C16C-PUM ATMEL-AT24C16C-PUM Datasheet
998Kb / 23P
I2C-Compatible, (2-Wire) Serial EEPROM
AT24C128C-SSHM-B ATMEL-AT24C128C-SSHM-B Datasheet
968Kb / 22P
I2C-Compatible (2-Wire) Serial EEPROM
AT24C01C ATMEL-AT24C01C Datasheet
960Kb / 23P
I2C-Compatible (2-wire) Serial EEPROM
AT24CM01-SHD ATMEL-AT24CM01-SHD Datasheet
885Kb / 21P
I2C-Compatible (2-wire) Serial EEPROM 1-Mbit (131,072 x 8)
AT24C512C ATMEL-AT24C512C Datasheet
928Kb / 23P
I2C-Compatible (2-wire) Serial EEPROM
AT24CM02 ATMEL-AT24CM02 Datasheet
1Mb / 24P
I2C-Compatible (2-wire) Serial EEPROM 2-Mbit (262,144 x 8)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com