Electronic Components Datasheet Search
  English  ▼

X  

ANN-MB Datasheet(PDF) 8 Page - u-blox AG

Part # ANN-MB
Description  Multi-band, high precision GNSS antennas
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  U-BLOX [u-blox AG]
Direct Link  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

ANN-MB Datasheet(HTML) 8 Page - u-blox AG

Back Button ANN-MB Datasheet HTML 4Page - u-blox AG ANN-MB Datasheet HTML 5Page - u-blox AG ANN-MB Datasheet HTML 6Page - u-blox AG ANN-MB Datasheet HTML 7Page - u-blox AG ANN-MB Datasheet HTML 8Page - u-blox AG ANN-MB Datasheet HTML 9Page - u-blox AG ANN-MB Datasheet HTML 10Page - u-blox AG ANN-MB Datasheet HTML 11Page - u-blox AG ANN-MB Datasheet HTML 12Page - u-blox AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ANN-MB series - Data Sheet
UBX-18049862 - R04
Antenna characteristics
Page 8 of 12
Production Information
6.3 Radiation pattern
The radiation pattern in the L1 and L2 bands are shown in Figure 4 and Figure 5, respectively. The 2-D
cuts for
H (xy), E1 (xz), and E2 (yz) planes are shown at BeiDou, GPS, and Glonass frequencies. The
coordinate axes are defined in Figure 3.
☞ Note: The spherical coordinate system used represent radiation pattern data is different from the
“North”, “East”, “Up” coordinate system used for antenna phase center offset in section 6.2.
Figure 3: Definition of coordinate axes for radiation pattern plots.
Figure 4: Radiation pattern in L1 band. The 2-D cuts are measured at 1559 - 1606 MHz (nine frequencies).
Figure 5: Radiation pattern in L2 band. The 2-D cuts are measured at 1197 - 1249 MHz (nine frequencies).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com