Electronic Components Datasheet Search
  English  ▼

X  

30719 Datasheet(PDF) 2 Page - Vicor Corporation

Part # 30719
Description  HS CFG C LONG .4H LOW FLOW, THRU HOLE, EXTRUSION
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

30719 Datasheet(HTML) 2 Page - Vicor Corporation

  30719 Datasheet HTML 1Page - Vicor Corporation 30719 Datasheet HTML 2Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
.410
.200
.110
1.470-.000
+.020
.004
(2) PL.
.235
R.035
(R .035 )
(16) PL.
* .281
* .058
(2) PL.
* .133
(5) PL.
* .060
(4) PL.
A
SEE DETAIL
.252
.080
(2) PL.
R.030
(8) PL.
.040
.031
.023
.038
R.018
(2) PL.
* .060
* .030
3°
1.5 EACH
SIDE OF VERT
1.756
DETAIL A
SCALE 8 : 1
NOTES:
MAT'L: ALUMINUM 6063-T5"
1.
* DENOTES DIMENSION TO THEORETICAL SHARP CORNER.
2.
DIMENSIONS ARE INCHES ONLY.
3.
PROFILE COMMON
FOR
30719
32174
A
A
B
B
C
C
D
D
E
E
F
F
1
1
2
2
3
3
4
4
5
5
6
6
7
7
8
8
VICOR CONFIDENTIAL
THIS DOCUMENT AND THE DATA DISCLOSED HEREIN OR
HEREWITH IS NOT TO BE REPRODUCED, USED OR
DISCLOSED IN WHOLE OR IN PART TO ANYONE WITHOUT
THE PERMISSION OF VICOR CORP.
SCALE
TOLERANCES ARE:
DECIMALS
ANGLES
X.XX [X.X] = ±0.01 [0.25]
±1°
X.XXX [X.XX] = ±0.005 [0.127]
SHEET
OF
SIZE
67131
CAGE CODE
30719
DWG NO
5
REV
DRAWN BY
DATE
ANUYUGH
RAGIPANI
05/08/09
HS CFG "C" LONG .4H LOW
FLOW, THRU HOLE, EXTRUSION
SWD
VICOR
THIRD ANGLE PROJECTION
DO NOT SCALE DRAWING
2
2
2:1
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE : INCH / [MM]
REV
APPROVED
REVISIONS
DATE
DESCRIPTION
SEE SHEET 1
C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com