Electronic Components Datasheet Search
  English  ▼

X  

RS-CS-LS Datasheet(PDF) 1 Page - IET Labs Inc.

Part # RS-CS-LS
Description  RS Series -- Standard Models
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IET [IET Labs Inc.]
Direct Link  https://www.ietlabs.com/
Logo IET - IET Labs Inc.

RS-CS-LS Datasheet(HTML) 1 Page - IET Labs Inc.

  RS-CS-LS Datasheet HTML 1Page - IET Labs Inc. RS-CS-LS Datasheet HTML 2Page - IET Labs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Decade
Substituters
RS-CS-LS Series
Page 1 of 2
Resistance • Capacitance • Inductance
IET LABS, INC. in the GenRad Tradition
www.ietlabs.com
TEL: (516) 334-5959 • EMAIL: info@ietlabs.com
RS-CS-LS Box Catalog Dec. 2021
Features:
• Direct reading — No fumbling with mul•ple slide or rotary
switches
The IET family of digital subs•tuters uses convenient side-by-side
thumbwheel switches. Simply dial in the desired values and use.
• Standard accuracies of 1%, 0.1%, and 0.05% available.
• Broad choice of standard and op•onal models.
A full line of standard subs•tuters sa•sfies most requirements.
• Direct readings eliminate poten•al mistakes that come from
rotary or slide-switch boxes.
• For easy value readings, ranges are separated by color-
coded switches and numbers.
• The units are small, rugged, and portable.
• Combina•on units, such as Resistance and Capacitance
Subs•tuter (RCS-500), are available.
Options:
• Shielded case with grounding post
• Panel moun•ng
• Protec•on fuse
Economical, indispensable tools for a variety of uses
in engineering, design, troubleshoo•ng, or service.
These small, rugged subs•tuters can sa•sfy most
requirements.
Available from 0.01 W to 299,999,999.9 W
(RS-200 Shown)
Available from 1 pF to 999.999 9 µF
(CS-300 Shown)
Available from 1 µH to 99.999 99 H
(LS-400 Shown)
R-Box
RS Series: Digital
Resistance Substituter
C-Box
CS Series: Digital
Capacitance Substituter
L-Box
LS Series: Digital Inductance
Substituter
RC-Box
RCS Series: Digital
Resistance-Capacitance Substituter
Combines RS and CS units in one box
(RCS-500 Shown)
See also:
• Decade box product guide
• LCR meter product guide


Similar Part No. - RS-CS-LS

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
RS-CC TURCK-RS-CC Datasheet
87Kb / 1P
Closure Caps
More results

Similar Description - RS-CS-LS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DPL04 ETC2-DPL04 Datasheet
130Kb / 4P
Standard, piano and right angle models
logo
Bothhand USA, LP.
S5771-LF BOTHHAND-S5771-LF Datasheet
561Kb / 1P
Extended and standard temperature range models.
logo
Red Lion Controls. Inc
ZBG00602 REDLION-ZBG00602 Datasheet
737Kb / 4P
MODELS ZBG AND ZBH STANDARD DUTY ENCODER
ZBG10002 REDLION-ZBG10002 Datasheet
737Kb / 4P
MODELS ZBG AND ZBH STANDARD DUTY ENCODER
ZBG12002 REDLION-ZBG12002 Datasheet
737Kb / 4P
MODELS ZBG AND ZBH STANDARD DUTY ENCODER
ZBH00102 REDLION-ZBH00102 Datasheet
737Kb / 4P
MODELS ZBG AND ZBH STANDARD DUTY ENCODER
ZBH01002 REDLION-ZBH01002 Datasheet
737Kb / 4P
MODELS ZBG AND ZBH STANDARD DUTY ENCODER
ZBH06002 REDLION-ZBH06002 Datasheet
737Kb / 4P
MODELS ZBG AND ZBH STANDARD DUTY ENCODER
ZBH10002 REDLION-ZBH10002 Datasheet
737Kb / 4P
MODELS ZBG AND ZBH STANDARD DUTY ENCODER
ZHG06004 REDLION-ZHG06004 Datasheet
737Kb / 4P
MODELS ZBG AND ZBH STANDARD DUTY ENCODER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com