Electronic Components Datasheet Search
  English  ▼

X  

CS-300 Datasheet(PDF) 2 Page - IET Labs Inc.

Part # CS-300
Description  RS Series -- Standard Models
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IET [IET Labs Inc.]
Direct Link  https://www.ietlabs.com/
Logo IET - IET Labs Inc.

CS-300 Datasheet(HTML) 2 Page - IET Labs Inc.

  CS-300 Datasheet HTML 1Page - IET Labs Inc. CS-300 Datasheet HTML 2Page - IET Labs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Decade
Substituters
RS-CS-LS Series
Page 2 of 2
Resistance • Capacitance • Inductance
IET LABS, INC. in the GenRad Tradition
www.ietlabs.com
TEL: (516) 334-5959 • EMAIL: info@ietlabs.com
RS-CS-LS Box Catalog Dec. 2021
Model
RS-200
RS-201
RS-200W
RS-201W
RS-200-2W
RS-201W-2W
RS-RTD
RCS-500
RCS-502
Type
Resistance
Precision
Resistance
Wide-Range
Resistance
Wide-Range
Precision
Resistance
High-Power
Resistance
High-Power Wide-
Range Resistance
RTD
Simulator
Resistance/
Capacitance
Precision
Resistance/
Capacitance
Accuracy*
±(1% + 25 mW) ±(0.1% + 25 mW) ±(1% + 36 mW) ±(0.1% + 36 mW)** ±(1% + 25 mW) ±(0.1% + 36 mW)** ±(0.1% + 25 mW)
Combines
RS-200 and
CS-300
Combines
RS-201 and
CS-301
Decades
7
9
7
9
6
Range
0 to 9,999,999 W
0 - 99,999,999.9 W
0 - 9,999,999 W 0 - 99,999,999.9 W
0-9,999.99 W
Resolution
1 W
0.1 W
1 W
0.1 W
0.01 W
Ratings***
0.5 W (rising to 2.5 W at step 9)
2 W (rising to 10 W at step 9)
0.5 W
Residual
£0.39 W (£0.056 W/decade)
£0.5 W (£0.056 W/decade)
£0.39 W
£0.5 W
£0.34 W
Components
Metal-film resistors; Manganin wire £0.9 W
Mechanical
A
B
A
B
A
C
Standard Models
Model
CS-300
CS-301
CS-301L
CS-300H
Type
Capacitance
Precision
Capacitance
Precision,
Low Capacitance
High
Capacitance
Accuracy*
<10 µF: ±(4% + 3 pF)
³10 µF: ±7%
<10 µF: ±(1% + 3 pF)
³10 µF: ±7%
±(1% + 3 pF)
<10 µF: ±(4% + 3 pF)
³10 µF: ±7%
Decades
6
7
Range
0 to 99.999 9 µF
0 - 9.999 999 µF
0 - 999.999 9 µF
Resolution
100 pF
1 pF
100 pF
Ratings***
100 V (25 V for 10 - 100 µF)
100 V
100 V
(25 V for 10 - 1000 µF)
Residual
£42 pF (£7 pF/decade)
£49 pF (£7 pF/decade)
Components
1-900 pF: mica
0.001 - 0.9 µF: Polypropylene
1-9 µF: Polyester
10-900 µF: Tantalum
Test Cond.
1 kHz; 1 Vrms; for ³10 µF: 120 Hz, series model; 23°C
Mechanical
B
Model
LS-400A
LS-400
LS-400L
Type
Inductance
High
Inductance
Low
Inductance
Accuracy*
±(2% + 0.5 µH)
Decades
3
4
6
Range
0 to 999 mH
0 - 9.999 H
0-999.999 mH
Resolution
1 mH
1 mH
1 µH
Frequency
Response
See http://www.ietlabs.com/ls-series-inductance-decade-box.html
Residual
£0.17 W; £1 µH
(£0.056 W/decade)
£0.23 W; £1 µH
(£0.056 W/decade)
£0.34 W; £1.5 µH
(£0.056 W/decade)
Components
Toroidal Inductors
Test Cond.
1 kHz, 0.1 Vrms; series model; 23°C
Mechanical
B
C
RS Series -- Standard Models
CS Series -- Standard Models
LS Series -- Standard Models
*Accuracy:
After subtraction of residual impedance
Traceable to SI
**Accuracy for RS-201W & RS-201W-2W:
<10 MΩ: as shown above
≥10 MΩ: 0.2%
***Rating:
Subject to switch maximum dielectric strength of 750 Vdc peak
or 550 Vrms, switching
Switches:
10-position thumbwheel switches
make-before-break
Maximum switch voltage:
750 Vdc peak or 550 Vrms, switching
Mechanical:
A: 8.1 x 7.9 x 5.6 cm; 184 g (3.2" x 3.1" x 2.2"; 6.5 oz)
B: 12.1 x 7.9 x 5.6 cm; 235 g (4.7" x 3.1" x 2.2"; 8.3 oz)
C: 18.8 x 8.4 x 6.4 cm; 410 g (7.4" x 3.3" x 2.5"; 14 oz)
Optional Models
Type of
Substituter
RS: Resistance
CS: Capacitance
LS: Inductance
Tolerance
A: 0.05%
B: 0.1%
C: 0.5%
F: 1%
G: 2%
H: 4%
No. of
Decades
1 to 10
Resolution
0.01W to 100 MW
1 pF to 100 µF
1 µH to 10 H
Packaging/Options
WC: Standard
PM: Panel Mount w/out case
SC: Shielded Case
FP: Supplied with 2A fuse
(residual increases by 0.06 W)
Other: Consult IET Labs
Rating
blank: Standard
1W
2W
Other: Consult IET Labs
RS - F - 4 - 0.1 - WC -
( E x a m p l e :
0 . 1 Ω
- 9 9 9 . 9
Ω ,
1 %
Resistance Substituter in a standard case)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com