Electronic Components Datasheet Search
  English  ▼

X  

GV2ME21 Datasheet(PDF) 1 Page - Schneider Electric

Part # GV2ME21
Description  TeSys GV2 Manual Starter and Protector, thermal magnetic circuit protector, pushbuttons, 17 to 23 A, screw clamp
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

GV2ME21 Datasheet(HTML) 1 Page - Schneider Electric

  GV2ME21 Datasheet HTML 1Page - Schneider Electric GV2ME21 Datasheet HTML 2Page - Schneider Electric GV2ME21 Datasheet HTML 3Page - Schneider Electric GV2ME21 Datasheet HTML 4Page - Schneider Electric GV2ME21 Datasheet HTML 5Page - Schneider Electric GV2ME21 Datasheet HTML 6Page - Schneider Electric GV2ME21 Datasheet HTML 7Page - Schneider Electric GV2ME21 Datasheet HTML 8Page - Schneider Electric GV2ME21 Datasheet HTML 9Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Aug 10, 2019
1
Product data sheet
Characteristics
GV2ME21
TeSys GV2 Manual Starter and Protector,
thermal magnetic circuit protector, push
buttons, 17 to 23 A, screw clamp
Product availability: Stock - Normally stocked in distribution facility
Main
Range
TeSys
Product name
TeSys GV2
Device short name
GV2ME
Device application
Motor
Trip unit technology
Thermal-magnetic
Complementary
Poles description
3P
Network type
AC
Utilisation category
AC-3 conforming to IEC 60947-4-1
Category A conforming to IEC 60947-2
Network frequency
50/60 Hz conforming to IEC 60947-4-1
Fixing mode
Clipped on 35 mm symmetrical DIN rail
Screwed on panel (with adaptor plate)
Operating position
Any position
Motor power kW
11 kW at 500 V AC 50/60 Hz
9 kW at 400/415 V AC 50/60 Hz
18.5 kW at 690 V AC 50/60 Hz
Breaking capacity
3 kA Icu at 690 V AC 50/60 Hz conforming to IEC 60947-2
15 kA Icu at 400/415 V AC 50/60 Hz conforming to IEC 60947-2
50 kA Icu at 230/240 V AC 50/60 Hz conforming to IEC 60947-2
6 kA Icu at 440 V AC 50/60 Hz conforming to IEC 60947-2
4 kA Icu at 500 V AC 50/60 Hz conforming to IEC 60947-2
[Ics] rated service short-circuit breaking capacity
100 % at 230/240 V AC 50/60 Hz conforming to IEC 60947-2
40 %at 400/415 V AC 50/60 Hz conforming to IEC 60947-2
50 % at 440 V AC 50/60 Hz conforming to IEC 60947-2
75 % at 500 V AC 50/60 Hz conforming to IEC 60947-2
75 % at 690 V AC 50/60 Hz conforming to IEC 60947-2
Control type
Push-button
[In] rated current
23 A
Thermal protection adjustment range
17...23 A
Magnetic tripping current
327 A
System Voltage
AC 50/60 Hz conforming to IEC 60947-2
[Ui] rated insulation voltage
690 V AC 50/60 Hz conforming to IEC 60947-2
[Ith] conventional free air thermal current
23 A conforming to IEC 60947-4-1
[Uimp] rated impulse withstand voltage
6 kV conforming to IEC 60947-2
Power dissipation per pole
2.5 W
Mechanical durability
100000 cycles
Electrical durability
100000 cycles AC-3 at 440 V
Operating rate
25 cyc/h
Rated duty
Continuous conforming to IEC 60947-4-1


Similar Part No. - GV2ME21

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
GV2ME21 SCHNEIDER-GV2ME21 Datasheet
113Kb / 5P
REVERSING CONTACTOR 575VAC 25A IEC
Mar 08, 2017
GV2ME21 SCHNEIDER-GV2ME21 Datasheet
3Mb / 64P
Manual Motor Starters, Controllers, and Protectors Type GV2, GV3, and GV7
10/02
GV2ME213 SCHNEIDER-GV2ME213 Datasheet
215Kb / 9P
TeSys GV2 Manual Starter and Protector, thermal magnetic circuit protector, push buttons, 17...23 A, spring terminals
Aug 15, 2019
GV2ME216 SCHNEIDER-GV2ME216 Datasheet
226Kb / 9P
TeSys GV2 Manual Starter and Protector, thermal magnetic circuit protector, pushbuttons, 17...23 A, ring lug terminals
Aug 15, 2019
More results

Similar Description - GV2ME21

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
GV2ME06 SCHNEIDER-GV2ME06 Datasheet
220Kb / 9P
TeSys GV2 Manual Starter and Protector, thermal magnetic circuit protector, pushbuttons, 1 to 1.6 A, screw clamp
Aug 11, 2019
GV2ME32 SCHNEIDER-GV2ME32 Datasheet
204Kb / 9P
TeSys GV2 Manual Starter and Protector, thermal magnetic circuit protector, pushbuttons, 24 to 32 A, screw clamp
Aug 17, 2019
GV2P10 SCHNEIDER-GV2P10 Datasheet
229Kb / 9P
TeSys GV2 Manual Starter and Protector, thermal magnetic circuit protector, rotaryhandle, 4 to 6.3 A, screw clamp
Aug 11, 2019
GV2P14 SCHNEIDER-GV2P14 Datasheet
207Kb / 9P
TeSys GV2 Manual Starter and Protector, thermal magnetic circuit protector, rotaryhandle, 6 to 10 A, screw clamp
Aug 11, 2019
GV2P16 SCHNEIDER-GV2P16 Datasheet
206Kb / 9P
TeSys GV2 Manual Starter and Protector, thermal magnetic circuit protector, rotaryhandle, 9 to 14 A, screw clamp
Aug 15, 2019
GV2P21 SCHNEIDER-GV2P21 Datasheet
206Kb / 9P
TeSys GV2 Manual Starter and Protector, thermal magnetic circuit protector, rotaryhandle, 17 to 23 A, screw clamp
Aug 15, 2019
GV2P32 SCHNEIDER-GV2P32 Datasheet
204Kb / 9P
TeSys GV2 Manual Starter and Protector, thermal magnetic circuit protector, rotary handle, 24 to 32 A, screw clamp
Aug 15, 2019
GV2ME213 SCHNEIDER-GV2ME213 Datasheet
215Kb / 9P
TeSys GV2 Manual Starter and Protector, thermal magnetic circuit protector, push buttons, 17...23 A, spring terminals
Aug 15, 2019
GV2ME216 SCHNEIDER-GV2ME216 Datasheet
226Kb / 9P
TeSys GV2 Manual Starter and Protector, thermal magnetic circuit protector, pushbuttons, 17...23 A, ring lug terminals
Aug 15, 2019
GV2RT05 SCHNEIDER-GV2RT05 Datasheet
181Kb / 5P
TeSys GV2 Manual Starter and Protector, thermal magnetic circuit protector, toggle switch, 0.63?? A, screw clamp terminals
May 12, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com