Electronic Components Datasheet Search
  English  ▼

X  

6CTC2AL Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 6CTC2AL
Description  6CT Evolution??Poke Thru Surface Style Cover, Aluminum
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

6CTC2AL Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  6CTC2AL Datasheet HTML 1Page - List of Unclassifed Manufacturers 6CTC2AL Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Wiremold
6CT Evolution™ Poke Thru Surface Style Cover, Aluminum
Part No. 6CTC2AL
Surface style die-cast aluminum cover assembly in painted
aluminum finish. 6CTC2 Series cover assemblies designed for use
with 6STC, 6STCP and 6STCPAV Poke-Thru Stem Assemblies. NOTE:
Add suffix inchTRinch to the end of the part number to indicate
tamper-resistant cover assembly.
Features & Benefits
Features & Benefits
Die-cast aluminum cover assemblies: The new Evolution
Series poke-thru design includes all metal die-cast
aluminum cover assemblies, with two unique spring-loaded
slide egress doors. No clumsy flip lids to get broken or
cause an added trip hazard.
Unique cover design: The cover opens a full 180 degrees with
two unique spring-loaded slide egress doors to keep wires,
connections and people safe.
Surface style cover assemblies: A surface style cover is for
mounting on top of the finished floor surface. The surface
cover is designed to be used for carpet, tile, wood, polished
concrete, or terrazzo.
Multiple finishes: Evolution Series Poke-Thru Devices are
available in multiple finishes, (BK) black, (GY) gray, (NK) nickel,
(BS) brass, (BZ) bronze, (AL) aluminum, (AA) brushed
aluminum, (SB) satin brass, and (SN) satin nickel to seamlessly
match your environment.
Specifications
Specifications
General Info
General Info
Color
Color
Aluminum
UPC Numb er
UPC Numb er
786564088288
Count ry Of Orig in
Count ry Of Orig in
India
Prod uct Line
Prod uct Line
Wiremold
Ap p licat ion Sect or
Ap p licat ion Sect or
Commercial
T yp e
T yp e
Cover
St and ard
St and ard
cULus Listed Metallic Outlet Boxes: File E2961
Guide QCIT. cULus Listed Nonmetallic Outlet Boxes
& Fittings Classified for Fire Resistance: File
R8209 Guide CEYY. Meets Article 300.21, 300.22[C]
&314 of NEC.
Dimensions
Dimensions
Prod uct Volume US
Prod uct Volume US
60.97 cu in
Prod uct Wid t h US
Prod uct Wid t h US
7.25 in
October 17 2021 - For latest specs visit legrand.us


Similar Part No. - 6CTC2AL

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
6CT COOPER-6CT Datasheet
54Kb / 2P
British Style BS 88 690V 6-700A
6CT COOPER-6CT Datasheet
54Kb / 2P
British Style BS 88
logo
M-System Co.,Ltd.
6CT MSYSTEM-6CT Datasheet
101Kb / 2P
Field-mounted Two-wire Signal Conditioners 6-UNIT
logo
List of Unclassifed Man...
6CT ETC-6CT Datasheet
53Kb / 2P
British Style BS 88
7-18-01
logo
M-System Co.,Ltd.
6CT-1 MSYSTEM-6CT-1 Datasheet
101Kb / 2P
Field-mounted Two-wire Signal Conditioners 6-UNIT
More results

Similar Description - 6CTC2AL

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2008839-1 MACOM-2008839-1 Datasheet
50Kb / 1P
POKE-IN LED CONNECTOR ASSEMBLY I POSITION - THRU HOLE
logo
AVX Corporation
009286002021106 AVX-009286002021106 Datasheet
1Mb / 9P
POKE HOME
logo
Crydom Inc.,
CC4850W3V CRYDOM-CC4850W3V Datasheet
1Mb / 6P
EVOLUTION DUAL SERIES
logo
Lumins Inc.
SQ405 LUMINIS-SQ405 Datasheet
117Kb / 2P
Aluminum top cover
SQ500 LUMINIS-SQ500 Datasheet
110Kb / 2P
Aluminum top cover
logo
TE Connectivity Ltd
1-1773721-1 TEC-1-1773721-1 Datasheet
314Kb / 3P
Inverted Thru Board Card Edge & Inverted Poke-In Platform Connectors
logo
Witten Company, Inc.
180 WITTEN-180 Datasheet
20Kb / 1P
THREADED INSERT, THRU, REGULAR HEAD STYLE
181 WITTEN-181 Datasheet
20Kb / 1P
INSERT, THRU, REGULAR HEAD STYLE
logo
Crydom Inc.,
CD2425W2U CRYDOM-CD2425W2U Datasheet
905Kb / 6P
Evolution Dual Series
Rev. 060916
logo
Kyocera Kinseki Corpota...
00-9296 KSS-00-9296 Datasheet
1Mb / 8P
POKE-HOME: INVERTED THRU BOARD
090721
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com