Electronic Components Datasheet Search
  English  ▼

X  

6319 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 6319
Description  SB짰 50 Connectors - up to 120 amps
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

6319 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  6319 Datasheet HTML 1Page - List of Unclassifed Manufacturers 6319 Datasheet HTML 2Page - List of Unclassifed Manufacturers 6319 Datasheet HTML 3Page - List of Unclassifed Manufacturers 6319 Datasheet HTML 4Page - List of Unclassifed Manufacturers 6319 Datasheet HTML 5Page - List of Unclassifed Manufacturers 6319 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.andersonpower.com - 59 -
All Data Subject To Change Without Notice
55A Vertical Mini Powerclaw PCB Contacts
Vertical Mini Powerclaw contacts save space by not requiring a SB®50
housing on the PCB side. The guide housing is required for to provide a
polarized connection. (See SB®50 accessories).
Description
- Loose Piece Part Numbers -
Minimum Quantity ....
1,500
100 .........
Tin Plated
PC5933T-BK PC5933T
Silver Plated
PC5933S-BK PC5933S
| SB®50 CONNECTOR SPECIFICATIONS |
Electrical
Current Rating Amperes¹
UL 1977 CSA
Wire to Wire UL 1977 (6 AWG)
120
50
Wire to PCB UL 1977 (6 AWG)
50
Voltage Rating AC/DC
UL 1977
600
PCB Connector Recommended Voltage
per IEC 60950-1 Table 2L Pollution Degree2
Mini Vert. Contact
522
Mini Horiz. Contact
504
Standard Contact
950
Dielectric Withstanding Voltage
Volts AC
2,200
Avg. Mated Contact Resistance Milliohms¹
1 1/4” of #6 AWG wire
0.200
PCB Contact to Contact
0.500
UL Hot Plug Current Rating Amperes - 250 cycles at 120V DC
Wire- wire
50A
PCB- wire
40A
(Vertical Mini Powerclaw)
Mechanical
Wire Size Range
AWG
mm²
Wire Contacts with Bushings
16 to 6
1.3 to 13.3
Max. Wire Insulation Diameter
in.
mm
0.440
11.200
Operating Temperature²
°F
°C
Standard
-4° to 221°
-20° to 105°
Chemical Resistant*
-40 to 221°
-40° to 105°
*Chemical resistant material not available for PCB guide housings
Mating Cycles No Load by Plating
Silver (Ag)
Tin (Sn)
Wire and PCB Contacts
10,000
1,500
Avg. Mating / Unmating Force
Lbf.
N
Wire to Wire Low Force Contacts
10
44
Wire to Wire High Force Contacts
15
67
Standard Powerclaw to Wire
15
66
Mini Powerclaw to Wire
8
36
PCB Specifications
Mounting Style
Plated Through Hole
Max PCB Thickness- in. [mm]
Standard: 0.15 [0.381]
Mini:
0.25 [0.635]
Recommended Traces
#8 AWG Cross Section
Min. Contact / Spring Retention Force Lbf.
N
Wire Housing
50
222
Min. Creepage / [Clearance] Distance
in.
mm
Standard Powerclaw
0.374
9.5
Mini Vert. Powerclaw
0.213
5.4
Mini Horz. Powerclaw
0.205
5.2
Materials
Housing
Standard Plastic Resin
Polycarbonate
Chem. Resistant Resin
Polycarbonate / PBT blend
Contact Retention Spring
Stainless Steel
Housing Flammability Rating
UL94
V-0
Contact
Base
Copper Alloy
Wire Plating
Silver
PCB Plating
Sn or Ag over Ni
Contact Termination Methods
Crimp³
Wire Contacts
Hand Solder
Wire and PCB Contacts
Solder Dip*
PCB Contacts
Wave Solder*
PCB Contacts
Wrench / Socket
Busbar Contacts
¹ Based on: 105°C rated or better cable of the largest size, Properly calibrated APP®
recommended tooling, and a 25°C ambient temperature. UL rating not to exceed
the maximum operating temperature. CSA rating below a 30°C temperature rise.
² Limited by the thermal properties of the connector plastic housing.
³ Use APP® recommended tooling only. Alternate tools may adversely affect the
performance of our connectors along with UL and CSA recognition.
Protection
Touch Safety with Wire Contacts
IEC 60529
IP10
[ 12.2 ]
0.48
[ 24.3 ]
0.96
[ 9.7 ]
0.38
[2.32]
0.091
[ 10.29 ]
0.405
[ 6.25 ]
0.246
[ 1.27 ]
0.050
[ 4.98 ]
0.196



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com