Electronic Components Datasheet Search
  English  ▼

X  

JP4CP Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # JP4CP
Description  J-Pro??Cable Support System
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

JP4CP Datasheet(HTML) 1 Page - PANDUIT CORP.

  JP4CP Datasheet HTML 1Page - PANDUIT CORP. JP4CP Datasheet HTML 2Page - PANDUIT CORP. JP4CP Datasheet HTML 3Page - PANDUIT CORP. JP4CP Datasheet HTML 4Page - PANDUIT CORP. JP4CP Datasheet HTML 5Page - PANDUIT CORP. JP4CP Datasheet HTML 6Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
J-Pro™ Cable Support System
Let Panduit Support Your Cables
The J-Pro™ Cable Support System is designed to
provide a competitive alternative to metal J hooks
for routing cables throughout the physical infrastructure.
This system provides complete bend radius control and
includes many easy to use mounting options to provide
the lowest installed cost. The selection of multiple sizes,
colors, and pre-riveted J hook assemblies meet the
requirements of a wide variety of applications and
are suitable for use in air handling spaces.
Available in four sizes and select colors
JP75 Series
JP4 Series
JP2 Series
JP131 Series
Key Features
Benefits
Allows user to install 3/4" Tak-Ty® Cable Tie and provides a method to retain and
manage cable bundles
Cable tie channel
Prevents cables from coming in contact with metal
Non-metallic J hook
Allow for attachment to ceilings, beams, threaded rods, drop wires,
and underfloor supports to meet requirements of a variety of applications
Pre-riveted assemblies
Provide means to segregate and identify cable bundles for specific
applications, such as data, voice, security, fire alarm, or other applications that
require a designated pathway
Color options
Available in 3/4", 1 5/16", 2", and 4" bundle capacities to meet requirements
of a variety of applications throughout the physical infrastructure
Multiple size J hooks
Suitable for use in air handling spaces
Listed within UL file number E136577
Listed within ULC file number R21673
UL 2043 and
CAN/ULC S102.2 listed
Helps prevent degradation of cable performance
Prevents pinch points that could cause damage to cable
Complete horizontal and vertical
1" bend radius control
www.panduit.com
JP2SBC50RB-L20
JP2SBC87RB-L20
JP2CP-L20
JP2ZP-L20
Screw-On Beam Clamps
Part Number
Part
Description
Max. Bundle
Capacity
Max. Cable Capacity*
Material**
Std.
Pkg.
Qty.
In.
mm
Category
6A-SD/6A
(0.30")
Category
6
(0.24")
Category
5e
(0.23")
JP75SBC50-L20
J hook with
screw-on beam
clamp for use
with flanges up to
1/2" (12.7mm) thick.
Non-rotating mount.
0.75 19.0
5
8
10
Nylon 6.6
J hook
with metal
attachments
50
JP131SBC50-L20
1.31 33.3
15
25
29
50
JP2SBC50-L20
2.00 50.8
30
46
55
50
JP4SBC50-X20
4.00 101.6
115
180
200
10
JP75SBC50RB-L20
J hook with
screw-on beam
clamp for use with
flanges up to
1/2" (12.7mm) thick.
Rotates 360 de-
grees.
0.75 19.0
5
8
10
50
JP131SBC50RBL20
1.31 33.3
15
25
29
50
JP2SBC50RB-L20
2.00 50.8
30
46
55
50
JP4SBC50RB-X20
4.00 101.6
115
180
200
10
JP75SBC87-L20
J hook with
screw-on beam
clamp for use
with flanges up to
3/4" (19.1mm) thick.
Non-rotating
mount.
0.75 19.0
5
8
10
50
JP131SBC87-L20
1.31 33.3
15
25
29
50
JP2SBC87-L20
2.00 50.8
30
46
55
50
JP4SBC87-X20
4.00 101.6
115
180
200
10
JP75SBC87RB-L20
J hook with
screw-on beam
clamp for use with
flanges up to
3/4" (19.1mm) thick.
Rotates 360 de-
grees.
0.75 19.0
5
8
10
50
JP131SBC87RBL20
1.31 33.3
15
25
29
50
JP2SBC87RB-L20
2.00 50.8
30
46
55
50
JP4SBC87RB-X20
4.00 101.6
115
180
200
10
Purlin Clips
JP75ZP-L20
J hook with
z-purlin
clip for use
with angled
flanges up to 1/4"
(6.4mm) thick.
0.75 19.0
5
8
10
Nylon 6.6
J hook
with metal
attachments
50
JP131ZP-L20
1.31 33.3
15
25
29
50
JP2ZP-L20
2.00 50.8
30
46
55
50
JP4ZP-X20
4.00 101.6
115
180
200
10
JP75CP-L20
J hook with
c-purlin
clip for use
with vertical
flanges up to 1/4"
(6.4mm) thick.
0.75 19.0
5
8
10
50
JP131CP-L20
1.31 33.3
15
25
29
50
JP2CP-L20
2.00 50.8
30
46
55
50
JP4CP-X20
4.00 101.6
115
180
200
10
*The above cable diameters represent the nominal Panduit cable diameter per performance level.
For specific cable fill information based on specific part numbers, please contact customer service.
**Suitable for use in air handling spaces in accordance with Sec. 300.22(C) and (D) of the National Electrical Code when mounted
as single units or in pairs. JP4 family of parts suitable for use in single unit configurations only.
Listed in accordance with CAN/ULC S102.2 when mounted as single units or in pairs. Minimum spacing of 4' (1220mm)
required between mount points. (Flame Spread Rating = 0, Smoke Developed Classification = 20)
JP2SBC50-L20
JP2SBC87RB-L20
JP2SBC50RB-L20
JP2ZP-L20
JP2SBC87-L20
JP2CP-L20
WORLDWIDE SUBSIDIARIES AND SALES OFFICES
For a copy of Panduit product warranties, log on to www.panduit.com/warranty
PANDUIT CANADA
Markham, Ontario
cs-cdn@panduit.com
Phone: 800.777.3300
PANDUIT EUROPE LTD.
London, UK
cs-emea@panduit.com
Phone: 44.20.8601.7200
PANDUIT SINGAPORE PTE. LTD.
Republic of Singapore
cs-ap@panduit.com
Phone: 65.6305.7575
PANDUIT JAPAN
Tokyo, Japan
cs-japan@panduit.com
Phone: 81.3.6863.6000
PANDUIT LATIN AMERICA
Guadalajara, Mexico
cs-la@panduit.com
Phone: 52.33.3777.6000
PANDUIT AUSTRALIA PTY. LTD.
Victoria, Australia
cs-aus@panduit.com
Phone: 61.3.9794.9020
©2015 Panduit Corp.
ALL RIGHTS RESERVED.
Product Bulletin Number
WACB23--SA-ENG
Replaces WW-WACB15
12/2015
For more information
Visit us at www.panduit.com
Contact Customer Service by email: cs@panduit.com
or by phone: 800.777.3300
Tak-Ty® Hook & Loop Cable Tie for use with the J-Pro™ Cable Support System
Underfloor (Plenum Application)
HLSP3S-X12
Part Number
Length
Width
Max.
Bundle
Diameter
Min. Loop
Tensile
Strength
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
In.
mm
In.
mm
In.
mm
Lbs.
N
UL Listed Strip Ties (Maroon) for Plenum Applications
HLSP3S-X12
12.00 305.0
0.75
19.1
3.20
81.0
50
222
10
100
HLSP5S-X12
18.00 457.0
0.75
19.1
5.00
127.0
50
222
10
100
UL Listed Strip Ties (Black) for Plenum Applications
HLSP3S-X0
12.00 305.0
0.75
19.1
3.20
81.0
50
222
10
100
HLSP5S-X0
18.00 457.0
0.75
19.1
5.00
127.0
50
222
10
100
Cable Bundle Organizing Tool
Arranges up to 24 cables to
optimize bundle diameter and
improve installed appearance.
Note: Performance testing of organized bundles was completed using Panduit cable.
Part Number
Description
Recommended for
Cable Outer
Diameter Range
Use the
Following Insert
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
CBOT24K
Kit contains two organizing
inserts, insert clamp, and
hook & loop fastener.
0.180" – 0.248"
(4.57mm – 6.30mm)
0.230" – 0.310"
(5.84mm – 7.87mm)
Fluorescent Green
Fluorescent Yellow
1
10
Product Bulletin
J-Pro™ Cable Support System
J-Pro™ Cable Support System


Similar Part No. - JP4CP

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
JP4 TIMOTION-JP4 Datasheet
431Kb / 7P
Max. load 4,500N (push); 3,000N (pull)
20230627-H
More results

Similar Description - JP4CP

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-55 ICST-ICS9248-55 Datasheet
271Kb / 10P
Pentium/Pro/IITM System Clock Chip
Rev B 12/04/98
logo
Pericom Semiconductor C...
PI6C106 PERICOM-PI6C106 Datasheet
370Kb / 8P
Pentium/Pro System Clock Chip
logo
Rohm
SLR-342MC3F ROHM-SLR-342MC3F Datasheet
878Kb / 4P
ROHM Customer Support System
logo
Tripp Lite. All Rights ...
NCM-JHC08-25 TRIPPLITE-NCM-JHC08-25 Datasheet
156Kb / 2P
J-Hook Cable Support - 3/4?? Batwing, Galvanized Steel, 25 Pack
NCM-JHC13-25 TRIPPLITE-NCM-JHC13-25 Datasheet
158Kb / 2P
J-Hook Cable Support - 1-5/16?? Batwing, Galvanized Steel, 25 Pack
NCM-JHC20-25 TRIPPLITE-NCM-JHC20-25 Datasheet
158Kb / 2P
J-Hook Cable Support - 2?? Batwing, Galvanized Steel, 25 Pack
NCM-JHW08-25 TRIPPLITE-NCM-JHW08-25 Datasheet
157Kb / 2P
J-Hook Cable Support - 3/4?? Wall Mount, Galvanized Steel, 25 Pack
NCM-JHW20-25 TRIPPLITE-NCM-JHW20-25 Datasheet
158Kb / 2P
J-Hook Cable Support - 2", Wall Mount, Galvanized Steel, 25 Pack
NCM-JHW40-25 TRIPPLITE-NCM-JHW40-25 Datasheet
161Kb / 2P
J-Hook Cable Support - 4", Wall Mount, Galvanized Steel, 25 Pack
logo
IOGEAR
GWHD101KIT IOGEAR-GWHD101KIT Datasheet
165Kb / 2P
Share Pro??Expandable Wireless Presentation System
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com