Electronic Components Datasheet Search
  English  ▼

X  

2090 Datasheet(PDF) 1 Page - 3M Electronics

Part # 2090
Description  Scotch-Blue™ Painter’s Tape for Multi-Surfaces
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

2090 Datasheet(HTML) 1 Page - 3M Electronics

  2090 Datasheet HTML 1Page - 3M Electronics 2090 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
January 2010
Scotch-Blue™ Painter’s Tape for Multi-Surfaces #2090
Scotch-Blue™ Painter’s Tape for Multi-Surfaces
#2090 is a medium adhesion tape ideal for paint
masking on multiple surfaces, including painted walls
and trim, woodwork, glass and metal. It can be
removed cleanly from the surface for up to 14 days
even in direct sunlight.
Product Characteristic
Value
Backing
Crepe Paper
Adhesive
Acrylic
Standard Roll Length
60 yards (54.8 m)
Color
Blue
Typical Physical
Properties
Value
Note: The following technical
information and data should be
considered representative or typical
only and should not be used for
specification purposes
.
Adhesion to Steel
23 oz./in.
ASTM D-3330
Tensile Strength
27 lbs./in.
ASTM D-3759
Elongation at Break
7 %
ASTM D-3759
Total Thickness
5.4 mils
ASTM D-3652
Features/Advantages Benefits:
Feature
(HAS)
Advantage
(WHICH MEANS)
Benefit
(SO THAT)
Acrylic Adhesive
Adhesive Transfer
Resistance
Sticks easily to the surface
and stays intact upon
removal /reduces labor and
rework
Increased Light and UV
Stability
Clean removal / reduces
labor
Medium adhesion
Easy to use/reduces labor
Controlled tack
Minimal adhesion build over
time with clean and safe
removal / reduces rework
and labor, and helps to
produce high-quality results
Crepe Paper Backing
Smoothness
Consistent surface contact
and secure holding power
Conformability
Easy handling/helps reduce
overall project time


Similar Part No. - 2090

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2090 MACOM-2090 Datasheet
70Kb / 1P
Two-Way Isolated Power Dividers Tapered, Ultra Broadband
logo
M/A-COM Technology Solu...
2090 MA-COM-2090 Datasheet
135Kb / 3P
Three-Way Isolated Power Dividers Tapered, Ultra-Broadband
logo
List of Unclassifed Man...
2090 ETC2-2090 Datasheet
311Kb / 1P
MALE/FEMALE THREADED STANDOFFS
2090 ETC2-2090 Datasheet
110Kb / 2P
HEX MALE/FEMALE STANDOFFS
logo
Heyco.
2090 HEYCO-2090 Datasheet
133Kb / 1P
Snap Bushings
More results

Similar Description - 2090

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPB733TR OPTEK-OPB733TR Datasheet
367Kb / 6P
Unfocused for sensing diffuse surfaces
logo
Abracon Corporation
ART915X2509EP60-IC ABRACON-ART915X2509EP60-IC Datasheet
456Kb / 3P
Suitable for non-metal surfaces
07/13/2016
ART915X3030YZ30-IC ABRACON-ART915X3030YZ30-IC Datasheet
392Kb / 3P
Suitable for non-metal surfaces
07/13/2016
ART915X25275YZ25-IC ABRACON-ART915X25275YZ25-IC Datasheet
365Kb / 3P
Suitable for non-metal surfaces
07/13/2016
ART923X1015YZ10-IC ABRACON-ART923X1015YZ10-IC Datasheet
388Kb / 3P
Suitable for non-metal surfaces
06/27/2016
logo
3M Electronics
2229 3M-2229 Datasheet
28Kb / 2P
3M™ Scotch-Seal™ Mastic Tape
Rev B
logo
Ultralife Corporation.
UCH-X5 ULTRALIFE-UCH-X5 Datasheet
227Kb / 1P
Easy to clean surfaces for medical environment
Rev: -
logo
3M Electronics
TSA-CMP 3M-TSA-CMP Datasheet
169Kb / 6P
Film Applicators for Textured Surfaces
March 2008
RP040GF 3M-RP040GF Datasheet
59Kb / 7P
3M™ VHB™ Tape RP040GF
May, 2022
RP110GF 3M-RP110GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP110GF
May, 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com