Electronic Components Datasheet Search
  English  ▼

X  

3028 Datasheet(PDF) 2 Page - 3M Electronics

Part # 3028
Description  Particulate Filter 5N11, N95
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

3028 Datasheet(HTML) 2 Page - 3M Electronics

  3028 Datasheet HTML 1Page - 3M Electronics 3028 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3MTM Particulate Filter 5N11, N95
3028
page 2 of 2
Filters
Filters
Per Box
Per Case
10
100
Advanced
Electret Media
Advanced
electrostatically
charged microfibers
make breathing
easier and cooler.
Cake-Resistant
Filter Media
Specially designed
filter layers provide
longer respirator life
and easier breathing.
Technologies
Use For:
Solids and non-oil based particles
including paint sprays (with
appropriate gas and vapor cartridges).
Do Not Use For:
Gases and vapors, including those
present in paint spraying operations,
unless combined with approved
chemical cartridges. Sandblasting.
Aerosol concentrations that
exceed 10 times the OSHA PEL
with half facepiece, or 50 times
the PEL with full facepiece
when quantitatively fit tested,
or applicable government
regulations, whichever is lower.
This respirator filter does not
supply oxygen.
Important
Before using these filters, you
must determine the following:
1. The type of contaminant(s)
for which the respirator is
being selected.
2. The concentration level
of contaminant(s).
3. Whether the respirator can be
properly fitted on the wearer’s
face. Do not use with beards,
on other facial hair, or other
conditions that prevent a good
seal between the face and the
faceseal of the respirator.
4. Before use of these respirators,
a written respiratory protection
program must be implemented,
meeting all the requirements
of OSHA 29 CFR 1910.134,
including training, medical
evaluation and fit testing.
Fit Testing
Before use of this respirator,
a written respirator protection
program must be implemented
meeting all the requirements of
OSHA 29 CFR 1910.134 such
as training, medical evaluation
and fit testing.
Time Use Limitation
If respirator becomes damaged,
soiled, or breathing becomes
difficult, leave the contaminated
area immediately and replace
the respirator.
General Offices
3M Center
St. Paul, MN 55144-1000
3
For more information, please contact:
3M Occupational Health and
Environmental Safety Division
(OH&ESD)
In the U.S., contact:
Sales Assistance
1-800-896-4223
Technical Assistance
1-800-243-4630
Fax On Demand
1-800-646-1655
Internet
http://www.3M.com/occsafety
For other 3M products
1-800-3M HELPS
In Canada, contact:
3M Canada Company, OH&ESD
P.O. Box 5757
London, Ontario N6A 4T1
Sales Assistance
1-800-265-1840, ext. 6137
Technical Assistance (Canada only)
1-800-267-4414
Fax On Demand
1-800-646-1655
Internet
http://www.3M.com/CA/occsafety
Technical Assistance In Mexico
01-800-712-0646
5270-2255, 5270-2119 (Mexico City only)
Technical Assistance In Brazil
0800-132333
Fax On Demand O.U.S. Locations
1-651-732-6530



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com