Electronic Components Datasheet Search
  English  ▼

X  

3036 Datasheet(PDF) 2 Page - 3M Electronics

Part # 3036
Description  Particulate Filter 2078, P95 with Nuisance Level Acid Gas and Organic Vapor Relief
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

3036 Datasheet(HTML) 2 Page - 3M Electronics

  3036 Datasheet HTML 1Page - 3M Electronics 3036 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3M™ Particulate Filter 2078, P95 with Nuisance
Level Acid Gas and Organic Vapor Relief
*
3036
page 2 of 2
Use For:
• Solids such as those from
processing minerals, coal, iron
ore, cotton, flour, and certain
other substances.
• Liquid or oil based particles
from sprays that do not also
emit harmful vapors.
• Metal fumes produced from
welding, brazing, cutting and
other operations involving
heating of metals.
• Relief from nuisance levels of acid
gases* such as Sulfur Dioxide,
Hydrogen Fluoride and/or
Chlorine below the OSHA PEL,
or applicable exposure limits,
whichever is lower.
• Organic vapors below the
OSHA PEL,or applicable exposure
limits, whichever is lower.
• 3M recommended for ozone
protection up to 10 times
the OSHA PEL.**
Do Not Use For:
• Gases and vapors when
concentrations exceed the OSHA
PEL, or applicable exposure limits,
whichever is lower, including
those present in paint spray
operations, unless combined with
approved chemical cartridges.
• Asbestos.
• Sandblasting.
• Oxygen deficient atmospheres.
• Concentrations that exceed:
– 10 times the permissible
exposure limit (PEL) with
half facepiece, or
– 10 times the PEL with full
facepiece qualitatively fit
tested, or
– 50 times the PEL with full
facepiece quantitatively
fit tested, or
– applicable government
regulations, whichever
is lower.
Important
Before using these filters, you
must determine the following:
1. The type of contaminant(s)
for which the respirator is
being selected.
2. The concentration level
of contaminant(s).
3. Whether the respirator can be
properly fitted on the wearer’s
face. Do not use with beards,
other facial hair, or other
conditions that prevent a good
seal between the face and the
faceseal of the respirator.
4. Before use of these respirators,
a written respiratory protection
program must be implemented,
meeting all the requirements
of OSHA 29 CFR 1910.134,
including training, medical
evaluation and fit testing.
Filters Per Bag
Filters Per Case
2
100
Technologies
Advanced Electret Media
Advanced electrostatically
charged microfibers make
breathing easier and cooler.
Odor-Removing Filter Material
Carbon layers remove many
nuisance level odors for greater
comfort and productivity.
P-Series Filter
Featuring Advanced Electret
Media, appropriate for
prolonged use in both oil- and
non-oil-containing environments.
Occupational Health and Environmental Safety Division
3M Center, Building 235-2E-91
St. Paul, MN 55144-1000
For more information, please contact:
3M Occupational Health and
Environmental Safety Division
(OH&ESD)
In the U.S., contact:
Customer Service
1-800-328-1667
Technical Assistance
1-800-243-4630
Website
www.3M.com/OccSafety
For other 3M products
1-800-3M HELPS
In Canada, contact:
3M Canada Company, OH&ESD
P.O. Box 5757
London, Ontario N6A 4T1
Customer Care
1-800-364-3577
Technical Assistance (Canada only)
1-800-267-4414
Website
www.3M.ca/safety
Technical Assistance In Mexico
01-800-712-0646
5270-2255, 5270-2119 (Mexico City only)
Technical Assistance In Brazil
0800-132333
Time Use Limitation
If filter becomes damaged, soiled,
or breathing becomes difficult,
leave the contaminated area
immediately and dispose of the filter.
If used in environments containing
only oil aerosols, dispose of filter
after 40 hours of use or 30 days,
whichever is first.
*3M recommended for relief against nuisance levels
of organic vapors and acid gas. Nuisance level refers
to concentrations not exceeding OSHA PEL or
applicable exposure limits, whichever is lower. Do
not use for respiratory protection against organic
vapors or acid gases.
**3M recommended for ozone protection up to 10
times the OSHA PEL. Not NIOSH approved for ozone.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com