Electronic Components Datasheet Search
  English  ▼

X  

3064 Datasheet(PDF) 2 Page - 3M Electronics

Part # 3064
Description  Particulate Respirators 8511 and 8211, N95
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

3064 Datasheet(HTML) 2 Page - 3M Electronics

  3064 Datasheet HTML 1Page - 3M Electronics 3064 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3MTM Particulate Respirator 8511 and 8211, N95
3064
page 2 of 2
Respirators
Respirators
Per Box
Per Case
10
80
Use For:
• Solids such as those from
processing minerals, coal,
iron ore, flour, and certain
other substances.
• Liquid or non-oil based
particles from sprays that do
not also emit harmful vapors.
Do Not Use For:
Gases, vapors, including those
present in paint spraying operations,
oil aerosols, asbestos, lead, arsenic,
cadmium, 4, 4'-methylenedianiline
(MDA) or sandblasting. Aerosol
concentrations that exceed
10 times the OSHA PEL or
applicable regulations, whichever
is lower. This respirator does not
supply oxygen.
Important
Before using these respirators,
you must determine the following:
1. The type of contaminant(s)
for which the respirator is
being selected.
2. The concentration level
of contaminant(s).
3. Whether the respirator can be
properly fitted on the wearer’s
face. Do not use with beards,
on other facial hair, or other
conditions that prevent a good
seal between the face and the
faceseal of the respirator.
3M
TM Cool FlowTM
Exhalation Valve
P
roprietary one-way
valve for easy
exhalation and cool,
dry comfort.
M-noseclip
Adjusts easily for
fewer pressure points
and greater comfort.
Advanced Electret
Media
Advanced
electrostatically
charged microfibers
make breathing
easier and cooler.
Faceseal
Soft and secure,
conforms closely to
face for long-lasting
comfort and protection.
8511
8211
Technologies (Check marks indicate technologies featured in these products.)
✓✓✓
✓
4. Before use of these respirators,
a written respiratory protection
program must be implemented,
meeting all the requirements
of OSHA 29 CFR 1910.134,
including training, medical
evaluation and fit testing.
Time Use Limitation
If respirator becomes damaged,
soiled, or breathing becomes
difficult, leave the contaminated
area immediately and dispose of
the respirator.
Additional Information
This respirator contains no
components made from natural
rubber latex.
3M Occupational Health and Environmental Safety Division
3M Center, Building 235-2W-70
St. Paul, MN 55144-1000
For more information, please contact:
3M Occupational Health and
Environmental Safety Division
(OH&ESD)
In the U.S., contact:
Sales Assistance
1-800-896-4223
Technical Assistance
1-800-243-4630
Fax On Demand
1-800-646-1655
Internet
http://www.3M.com/occsafety
For other 3M products
1-800-3M HELPS
In Canada, contact:
3M Canada Company, OH&ESD
P.O. Box 5757
London, Ontario N6A 4T1
Sales Assistance
1-800-265-1840, ext. 6137
Technical Assistance (Canada only)
1-800-267-4414
Fax On Demand
1-800-646-1655
Internet
http://www.3M.com/CA/occsafety
Technical Assistance In Mexico
01-800-712-0646
5270-2255, 5270-2119 (Mexico City only)
Technical Assistance In Brazil
0800-132333
Fax On Demand O.U.S. Locations
1-651-732-6530



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com