Electronic Components Datasheet Search
  English  ▼

X  

3326 Datasheet(PDF) 2 Page - 3M Electronics

Part # 3326
Description  Foil Tape
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

3326 Datasheet(HTML) 2 Page - 3M Electronics

  3326 Datasheet HTML 1Page - 3M Electronics 3326 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Scotch
® Foil Tape
3326
Printed in U.S.A.
©3M 2005
70-0709-5370-1
(7/05)
Recycled Paper
40% pre-consumer
10% post-consumer
3
Industrial Business
Industrial Adhesives and Tapes Division
3M Center, Building 21-1W-10, 900 Bush Avenue
St. Paul, MN 55144-1000
800-362-3550 • 877-369-2923 (fax)
www.3M.com/industrial
Storage
Store under normal conditions of 60° to 80°F (16° to 27°C) and 40 to 60% R.H. in
the original carton.
Shelf Life
To obtain best performance, use this product within 12 months from date of
manufacture.
All statements, technical information and recommendations contained in this document are based upon
tests or experience that 3M believes are reliable. However, many factors beyond 3M’s control can affect
the use and performance of a 3M product in a particular application, including the conditions under
which the product is used and the time and environmental conditions in which the product is expected to
perform. Since these factors are uniquely within the user’s knowledge and control, it is essential that the
user evaluate the 3M product to determine whether it is fit for a particular purpose and suitable for the
user’s method of application.
Product Use
Unless stated otherwise in 3M’s product literature, packaging inserts or product packaging for individual
products, 3M warrants that each 3M product meets the applicable specifications at the time 3M ships the
product. Individual products may have additional or different warranties as stated on product literature,
package inserts or product packages. 3M MAKES NO OTHER WARRANTIES, EXPRESS OR IMPLIED,
INCLUDING, BUT NOT LIMITED TO, ANY IMPLIED WARRANTY OF MERCHANTABILITY OR FITNESS
FOR A PARTICULAR PURPOSE OR ANY IMPLIED WARRANTY ARISING OUT OF A COURSE OF
DEALING, CUSTOM OR USAGE OF TRADE. User is responsible for determining whether the 3M product
is fit for a particular purpose and suitable for user’s application. If the 3M product is defective within the
warranty period, your exclusive remedy and 3M’s and seller’s sole obligation will be, at 3M’s option, to
replace the product or refund the purchase price.
Warranty and
Limited Remedy
3
Except where prohibited by law, 3M and seller will not be liable for any loss or damage arising from the
3M product, whether direct, indirect, special, incidental or consequential, regardless of the legal theory
asserted, including warranty, contract, negligence or strict liability.
Limitation of Liability



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com