Electronic Components Datasheet Search
  English  ▼

X  

4062 Datasheet(PDF) 1 Page - 3M Electronics

Part # 4062
Description  Clip-on Welding Shield Kit 7990/7990-AM and Electronic Lens Assembly 7991/7991-AM
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

4062 Datasheet(HTML) 1 Page - 3M Electronics

  4062 Datasheet HTML 1Page - 3M Electronics 4062 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Issue Date 01/01/04
These new welding accessories
enhance the versatility of the
3MTM Full Facepiece 7800S
making it easier for customers to
standardize on 3M as the brand
of choice for all respiratory
protection needs.
• Approved for use in 11 different
modes — from negative-pressure
air purifying to SCBA
• Lightweight, silicone
facepiece enhances fit
and improves durability
• Extra-large inhalation and
exhalation valves aid in
easier breathing
• Double-flange face seal
and six adjustable straps
help provide a secure fit
Modes of Operation:
• Air Purifying
• Face-mounted PAPR
• Belt-mounted PAPR (GVP Series)
• SAR (Standard & Dual Airline)
• Pressure Demand SAR
• Supplied Air with Escape
(Air-MateTM)
• SCBA (Air-MateTM)
Applications
• Bridge construction
• Petroleum refineries
• Primary metals
• Fabricated metal products
• Shipbuilding and repairing
• Railroad equipment
• Guided missiles and
space vehicles
• Tanks and tank components
Features/Benefits
• Snap-on design of welding shield
is convenient, more economical,
enhances versatility, reduces
number of parts and saves time
• Viewing area size: 4.5" x 5.25"
(standard passive shade) or
viewing area size: 2.4" x 3.8"
(electronic auto-darkening lens)
enhances wearer safety
• Flip-up lens holder makes it
easier to inspect work or weld
• System versatility
• Lightweight design enhances
worker acceptance and
productivity
• Large electronic auto-darkening
lens (ADL) area enhances
view of work space and
increases safety
• Passive or electronic
ADL capability
• Adjustable shade electronic ADL
(9 through 12)
Clip-on Welding Shield Kit 7990/7990-AM
and Electronic Lens Assembly 7991/7991-AM
4062
page 1 of 2
3
The 3M
TM Clip-on Welding Shield Kit 7990/7990-AM and Electronic
Lens Assembly 7991/7991-AM (sold separately)
Sold Separately


Similar Part No. - 4062

ManufacturerPart #DatasheetDescription
logo
Adafruit Industries
4062 ADAFRUIT-4062 Datasheet
1Mb / 5P
Adafruit Feather nRF52840 Express
logo
Videk Ltd
4062 VIDEK-4062 Datasheet
101Kb / 1P
Product Description:
4062-10 VIDEK-4062-10 Datasheet
101Kb / 1P
Product Description:
4062-3 VIDEK-4062-3 Datasheet
101Kb / 1P
Product Description:
4062-5 VIDEK-4062-5 Datasheet
101Kb / 1P
Product Description:
More results

Similar Description - 4062

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA1245 SANYO-LA1245 Datasheet
326Kb / 11P
AM Electronic Tuner
SVC348 SANYO-SVC348 Datasheet
28Kb / 3P
AM Low Voltage Electronic Tuning Applications
SVC383 SANYO-SVC383 Datasheet
27Kb / 3P
AM Low Voltage Electronic Tuning Applications
logo
Micro Electronics
CL9011 MICRO-ELECTRONICS-CL9011 Datasheet
98Kb / 2P
AM/FM RADIO TRANSISTOR KIT
KM9011 MICRO-ELECTRONICS-KM9011 Datasheet
213Kb / 4P
AM,FM FADIO TRANSISTOR KIT
logo
Sanyo Semicon Device
LA1247 SANYO-LA1247 Datasheet
507Kb / 11P
AM ELECTRONIC TUNER
logo
Micro Electronics
CL9018 MICRO-ELECTRONICS-CL9018 Datasheet
110Kb / 2P
AM/ FM RADIO TRANSISTOR KIT
KM9018 MICRO-ELECTRONICS-KM9018 Datasheet
225Kb / 4P
AM,FM RADIO TRANSISTOR KIT
CL9000 MICRO-ELECTRONICS-CL9000 Datasheet
135Kb / 2P
AM/FM RADIO TRANSISTOR KIT
KM9000 MICRO-ELECTRONICS-KM9000 Datasheet
273Kb / 4P
AM/FM RADIO TRANSISTOR KIT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com