Electronic Components Datasheet Search
  English  ▼

X  

ASPDC2L04AC Datasheet(PDF) 5 Page - C&K Components

Part # ASPDC2L04AC
Description  General Purpose Snap-acting Switches
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

ASPDC2L04AC Datasheet(HTML) 5 Page - C&K Components

  ASPDC2L04AC Datasheet HTML 1Page - C&K Components ASPDC2L04AC Datasheet HTML 2Page - C&K Components ASPDC2L04AC Datasheet HTML 3Page - C&K Components ASPDC2L04AC Datasheet HTML 4Page - C&K Components ASPDC2L04AC Datasheet HTML 5Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
J
J–85
A Series
General Purpose Snap-acting Switches
ACTUATOR
NOTE: For basic switch operating forces, see page J-77.
SWITCH CHARACTERISTICS
MAXIMUM OPERATING
FORCE (OZ./GRAMS)
GG
KH
PD
PF
S.P.
S.P.
D.P
D.P.
OPERATING
POSITION
GG
KH
PD
PF
S.P.
S.P.
D.P
D.P.
.718
(18,24)
.718
(18,24)
—
—
—
.312
(7,92)
—
—
312
(7,92)
.718
(18,24)
312
.187
(7,92)
(4,75)
.14
(5,6)
050
(1,27)
.050
(1,27)
.187
(4,75)
.
062
(1,57)
.050
(1,27)
.050
(1,27)
.187
(4,75)
.062
(1,57)
.312
(7,92)
.25
(6,4)
.050
(1,27)
.050
(1,27)
.050
(1,27)
.281
(7,14)
.050
(1,27)
.050
(1,27)
.312
(7,92)
.281
(7,14)
0.3
0.5
1
8.5
14
28
0.4
0.5
1
11
14
28
1
3
6
28
85
170
1
3
6
28
85
170
1
3
6
28
85
170
0.5
1
2
14
28
56.7
1
3
6
28
85
170
1
3
6
28
85
170
0.3
0.5
1
8.5
14
28
0.5
1
2
14
28
56.7
1.5
4
6
10
42.5
113
170
283
1.5
4
6
10
42.5
113
170
283
8
20
30
40
227
567
850
1134
8
20
30
40
227
567
850
1134
5
20
30
40
142
567
850
1134
3
12
18
22
85
340
510
624
8
20
30
40
227
567
850
1134
5
20
30
40
142
567
850
1134
1.5
4
6
10
42.5
113
170
283
3
12
18
22
85
340
510
624
MINIMUM
OVERTRAVEL
GG
KH
PD
PF
S.P.
S.P.
D.P
D.P.
MAXIMUM
PRETRAVEL
GG
KH
PD
PF
S.P.
S.P.
D.P
D.P.
MINIMUM RELEASE
FORCE (OZ./GRAMS)
GG
KH
PD
PF
S.P.
S.P.
D.P
D.P.
OPTION
CODE
A0
A2
B1
BB
J0
L0
P0
Q0
T0
W0
TERMINATIONS
4A  .250” QUICK CONNECT
NOTE: Terminals can be supplied at various angles. Other terminal styles can be supplied for
special applications. Consult Customer Service Center for special requirements.
CIRCUITRY
Y  ST N.O. (Single Throw, Normally Open)
W  ST N.C. (Single Throw, Normally Closed)
C  DT (Double Throw, Normally Open & Normally Closed)
NOTE: To select number of poles, see NO. POLES section, page J-56
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ckswitches.com
Washer and nut ship with switch
14 Jan 19



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com