Electronic Components Datasheet Search
  English  ▼

X  

9490LE Datasheet(PDF) 1 Page - 3M Electronics

Part # 9490LE
Description  3M??Double Coated Tape 9490LE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

9490LE Datasheet(HTML) 1 Page - 3M Electronics

  9490LE Datasheet HTML 1Page - 3M Electronics 9490LE Datasheet HTML 2Page - 3M Electronics 9490LE Datasheet HTML 3Page - 3M Electronics 9490LE Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3M™ Double Coated Tape 9490LE
Product Description
3M™ Double Coated Tape 9490LE with 3M™ Laminating Adhesive 300LSE provides high bond strength to most surfaces,
including many low surface energy plastics such as polypropylene and powder coated paints. The acrylic adhesive also
provides excellent adhesion to surfaces contaminated lightly with oil typically used with machine parts. 3M double coated
tape 9490LE offers the added feature of 3M™ Laminating Adhesive 300MP on one side to provide excellent bond strength
to a variety of foam and fabric materials.
3
Technical Data
November 2011
Construction
Faceside1
Carrier
Backside2
Liner
Total Tape
Product
Adhesive
Type/
Adhesive
Color, Type,
Liner
Thickness
Number
Thickness
Thickness
Thickness
Print
Caliper
(w/o liner)
3M™ Double
2.8 mil
Clear PET3
3.4 mil
Tan, 58#,
4.2 mil
6.7 mil
Coated Tape
(0.071mm)
0.5 mil
(0.086mm)
Polycoated Kraft
(0.11mm)
(0.17mm)
9490LE4
(0.013mm)
“3M 300LSE”
Note 1: Faceside (FS) adhesive 300MP is on the interior of the roll, exposed when unwound.
Note 2: Backside (BS) adhesive 300LSE is on the exterior of the roll, exposed when liner is removed.
Note 3: PET (Polyester).
Note 4: The caliper listed is based on a calculation from manufacturing controlled adhesive coat weights using a density of 1.012 g/cc.
Features
• This tape has a moisture resistant polycoated kraft liner which can withstand high humidity conditions with minimal
cockling or wrinkling.
• This tape has a film carrier which can add dimensional stability to foams and other substrates and also make it easier to
handle the tape during slitting and die-cutting.
• The bond strength of 3M™ Laminating Adhesive 300LSE increases as a function of time and temperature, and has very
high initial adhesion.
Application Ideas
• Foam attachment for electronic assemblies.
• Low surface energy substrates.
• Graphic attachment of high surface energy and low surface energy.


Similar Part No. - 9490LE

ManufacturerPart #DatasheetDescription
logo
Anderson Power Products...
949 APP-949 Datasheet
1Mb / 9P
SB® 175 Connectors Up to 280 Amps
REV C7
949 APP-949 Datasheet
556Kb / 4P
SB® Environmental Boots
REV 03
949-BK APP-949-BK Datasheet
1Mb / 9P
SB® 175 Connectors Up to 280 Amps
REV C7
949-BK APP-949-BK Datasheet
556Kb / 4P
SB® Environmental Boots
REV 03
logo
Belden Inc.
9491 BELDEN-9491 Datasheet
145Kb / 2P
High Perform Instr, 1 Tri #22 Str TC, PVC Ins E1, PVC Jkt, PLTC
04-14-2023
More results

Similar Description - 9490LE

ManufacturerPart #DatasheetDescription
logo
3M Electronics
99786 3M-99786 Datasheet
141Kb / 5P
3M??Double Coated Tape 99786
9828 3M-9828 Datasheet
145Kb / 7P
3M™ Double Coated Tape 9828
May-2011
9088-200 3M-9088-200 Datasheet
136Kb / 5P
3M™ Double Coated Acrylic Tape 9088-200
Mar-2016
900 3M-900 Datasheet
138Kb / 6P
3M™ Repulpable Double-Coated Splicing Tape 900
Jun-2017
9500PC 3M-9500PC Datasheet
149Kb / 7P
3M™ Double Coated Tape 9500PC
Nov-2008
900B 3M-900B Datasheet
138Kb / 6P
3M??Repulpable Double-Coated Splicing Tape
401M 3M-401M Datasheet
143Kb / 5P
3M™ Double Coated Paper Tape 401M
Nov-2009
9443NP 3M-9443NP Datasheet
141Kb / 6P
3M™ Double Coated Tape
Jul-2006
9740 3M-9740 Datasheet
135Kb / 6P
3M™ Double Coated Tape 9740
Mar-2008
05293 3M-05293 Datasheet
146Kb / 4P
Double Coated Tape 9490LE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com