Electronic Components Datasheet Search
  English  ▼

X  

9725 Datasheet(PDF) 1 Page - 3M Electronics

Part # 9725
Description  3M??XYZ-Axis Electrically Conductive Adhesive Transfer Tape (ECATT) 9725
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

9725 Datasheet(HTML) 1 Page - 3M Electronics

  9725 Datasheet HTML 1Page - 3M Electronics 9725 Datasheet HTML 2Page - 3M Electronics 9725 Datasheet HTML 3Page - 3M Electronics 9725 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3
Technical Data
November, 2009
3M™ XYZ-Axis Electrically Conductive Adhesive Transfer
Tape (ECATT) 9725
Product Description
3M™ XYZ-Axis Electrically Conductive Adhesive Transfer Tape (ECATT) 9725 is an isotropically electrical conductive
tape. It consists of conductive acrylic pressure sensitive adhesive loaded with conductive nonwoven. The result is a double-
sided tape providing both high adhesion and very good electrical conductivity. The conductive nonwoven in 3M ECATT
9725 also provides improved handling characteristics.
3M ECATT 9725 conducts electricity through the thickness (Z-axis) and in the plane of the adhesive (X, Y planes), it is
ideal for EMI shields and EMI gasket attachment to electronic and electrical devices. It may be used with many types of
foil laminate shields to provide a customized shielding solution. This tape may also be used to attach conductive
fabric/foam core EMI gaskets to electronic cabinetry.
Construction
Product
3M™ XYZ-Axis Electrically Conductive Adhesive Transfer Tape 9725
Adhesive Type
Conductive acrylic based pressure sensitive adhesive
Carrier Type
Conductive nonwoven
Tape Thickness
2.2 mil (55 µm)
Liner Color, Type, Print
White PCK with white 3M logo
Liner Caliper
5.5 mil (140 µm)


Similar Part No. - 9725

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
9725 ASM-SENSOR-9725 Datasheet
176Kb / 1P
Mit Hilfe dieser Software k철nnen Sie die Datenanalyse direkt an Ihrem Windows-PC durchf체hren
logo
Vishay Siliconix
97251E3 VISHAY-97251E3 Datasheet
123Kb / 8P
Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
15-Jul-16
97253E3 VISHAY-97253E3 Datasheet
123Kb / 8P
Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
15-Jul-16
97254E3 VISHAY-97254E3 Datasheet
123Kb / 8P
Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
15-Jul-16
97255E3 VISHAY-97255E3 Datasheet
123Kb / 8P
Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
15-Jul-16
More results

Similar Description - 9725

ManufacturerPart #DatasheetDescription
logo
3M Electronics
9713 3M-9713 Datasheet
84Kb / 5P
3M™ XYZ-Axis Electrically Conductive Tape 9713
Apr-2009
9882 3M-9882 Datasheet
213Kb / 5P
3M™ Thermally Conductive Adhesive Transfer Tapes
Sep-2010
9703 3M-9703 Datasheet
148Kb / 5P
Electrically Conductive Adhesive Transfer Tape 9703
Oct-2015
9969 3M-9969 Datasheet
344Kb / 2P
3M Transfer Adhesive Tape featuring 3M PCAT
Sep-2017
966 3M-966 Datasheet
199Kb / 8P
3M™ Adhesive Transfer Tape 966
Jun-2014
9466B 3M-9466B Datasheet
131Kb / 4P
3M??Adhesive Transfer Tape 9466B
6035PC 3M-6035PC Datasheet
138Kb / 6P
3M™ Adhesive Transfer Tape 6035PC
Aug-2016
9453FL 3M-9453FL Datasheet
136Kb / 6P
3M™ Adhesive Transfer Tape 9453FL
Aug-2001
F9465PC 3M-F9465PC Datasheet
140Kb / 5P
3M™ Adhesive Transfer Tape with Plasticizer Resistant Adhesive
Feb-2015
9505 3M-9505 Datasheet
141Kb / 5P
3M™ Adhesive Transfer Tape 9505
Oct-2013
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com