Electronic Components Datasheet Search
  English  ▼

X  

HS1B150 Datasheet(PDF) 2 Page - Emerson Network Power

Part # HS1B150
Description  Automation Transformers - Non-Ventilated 50 VA to 45 kVA
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

HS1B150 Datasheet(HTML) 2 Page - Emerson Network Power

  HS1B150 Datasheet HTML 1Page - Emerson Network Power HS1B150 Datasheet HTML 2Page - Emerson Network Power HS1B150 Datasheet HTML 3Page - Emerson Network Power HS1B150 Datasheet HTML 4Page - Emerson Network Power HS1B150 Datasheet HTML 5Page - Emerson Network Power HS1B150 Datasheet HTML 6Page - Emerson Network Power HS1B150 Datasheet HTML 7Page - Emerson Network Power HS1B150 Datasheet HTML 8Page - Emerson Network Power HS1B150 Datasheet HTML 9Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Dry Type Distribution Transformers
Visit our website at
www.emerson.com or contact Technical Services at (800) 377-4384 with any questions.
© July 2020
218
Selection Table: Single Phase
Group 2: 600 Volt Primary, 120/240 Secondary, 60 Hz
kVA
Catalog Number
Group 1
Rolled Steel
Catalog Number
Group II
Stainless Steel 2
Height
in (mm)
Width
in (mm)
Depth
in (mm)
Approx. Ship
Weight
lbs (kg)
Design
Style 1
Elec
Conn 1
Primary
Amps
Secondary
Amps
Non-Encapsulated
.100
HS10B100
N/A
6.00 (152.4)
4.00 (101.6)
3.00 (76.2)
4.00 (1.81)
2
21
0.167
.833/.417
.150
HS10B150
8.00 (203.2)
4.00 (101.6) 4.00 (101.6)
5.00 (2.27)
2
21
0.25
1.25/.625
.250
HS10B250
8.00 (203.2)
4.00 (101.6) 4.00 (101.6)
8.00 (3.63)
2
21
0.417
2.08/1.04
Encapsulated
.500
HS10F500B
HSP10F500B
10.00 (254.0) 6.00 (152.4) 5.00 (127.0)
22.0 (9.98)
3
21
0.833
4.16/2.08
.750
HS10F750B
HSP10F750B
10.00 (254.0) 6.00 (152.4) 5.00 (127.0) 23.0 (10.43)
3
21
1.25
6.25/3.13
1
HS10F1BS
HSP10F1BS
10.00 (254.0) 6.00 (152.4) 5.00 (127.0) 28.0 (12.70)
3
21
1.67
8.33/4.17
1.5
HS10F1.5AS
HSP10F1.5AS
12.00 (304.8) 10.00 (254.0) 7.00 (177.8) 38.0 (17.24)
4
21
2.5
12.5/6.25
2
HS10F2AS
HSP10F2AS
12.00 (304.8) 10.00 (254.0) 7.00 (177.8) 60.0 (27.22)
4
21
3.33
16.7/8.33
3
HS10F3AS
HSP10F3AS
12.00 (304.8) 10.00 (254.0) 7.00 (177.8) 66.0 (29.94)
4
22
5.0
25.0/12.5
5
HS10F5AS
HSP10F5AS
17.00 (431.8) 14.00 (355.6) 9.00 (228.6) 100.0 (45.36)
4
22
8.3
41.6/20.8
7.5
HS10F7.5AS
HSP10F7.5AS
17.00 (431.8) 14.00 (355.6) 9.00 (228.6) 135.0 (61.23)
4
22
12.5
62.5/31.3
10
HS10F10AS
HSP10F10AS
17.00 (431.8) 14.00 (355.6) 9.00 (228.6) 150.0 (68.04)
4
22
16.7
83.3/41.7
Notes:
1. Design Styles and Electrical Connections can be found at the end of the Non-Ventilated Distribution Transformers section.
2. Contact Technical Services for other enclosure types.
3. Supersedes Previous Designs, Please Contact Technical Services Regarding HS5F15AS or HSF25AS Enclosure Options.
kVA
Catalog Number
Group I
Rolled Steel
Catalog Number
Group II
Stainless Steel 2
Height
in (mm)
Width
in (mm)
Depth
in (mm)
Approx. Ship
Weight
lbs (kg)
Design
Style 1
Elec
Conn 1
Primary
Amps
Secondary
Amps
Non-Encapsulated
.050
HS1B50
N/A
6.00 (152.4)
4.00 (101.6)
3.00 (76.2)
3.00 (1.36)
2
15
.208/.104
0.416/0.208
.075
HS1B75
6.00 (152.4)
4.00 (101.6)
3.00 (76.2)
3.00 (1.36)
2
15
.312/.156
0.625/0.312
.100
HS1B100
6.00 (152.4)
4.00 (101.6)
3.00 (76.2)
4.00 (1.81)
2
15
.417/.208
0.833/0.417
.150
HS1B150
8.00 (203.2)
4.00 (101.6)
4.00 (101.6)
5.00 (2.27)
2
15
.625/.313
1.25/.625
.250
HS1B250
8.00 (203.2)
4.00 (101.6)
4.00 (101.6)
8.00 (3.63)
2
15
1.04/.512
2.08/1.04
Encapsulated
0.5
HS1F500B
HSP1F500B
10.00 (254.0)
6.00 (152.4)
5.00 (127.0)
22.0 (9.98)
3
15
2.08/1.04
4.16/2.08
0.75
HS1F750B
HSP1F750B
10.00 (254.0)
6.00 (152.4)
5.00 (127.0)
27.0 (12.25)
3
15
3.13/1.56
6.25/3.13
1
HS1F1BS
HSP1F1BS
10.00 (254.0)
6.00 (152.4)
5.00 (127.0)
28.0 (12.70)
3
16
4.17/2.08
8.33/4.17
1.5
HS1F1.5AS
HSP1F1.5AS
12.00 (304.8)
10.00 (254.0)
7.00 (177.8)
38.0 (17.24)
4
16
6.25/3.13
12.5/6.25
2
HS1F2AS
HSP1F2AS
12.00 (304.8)
10.00 (254.0)
7.00 (177.8)
45.0 (20.42)
4
16
8.33/4.17
16.7/8.33
3
HS5F3AS
HSP5F3AS
12.00 (304.8)
10.00 (254.0)
7.00 (177.8)
55.0 (24.95)
4
17
12.5/6.25
25.0/12.5
5
HS5F5AS
HSP5F5AS
17.00 (431.8)
14.00 (355.6)
9.00 (228.6)
131.0 (59.42)
4
17
20.8/10.4
41.6/20.8
7.5
HS5F7.5AS
HSP5F7.5AS
17.00 (431.8)
14.00 (355.6)
9.00 (228.6)
155.0 (70.31)
4
18
31.3/15.6
62.5/31.3
10
HS5F10AS
HSP5F10AS
17.00 (431.8)
14.00 (355.6)
9.00 (228.6)
166.0 (75.30)
4
18
41.7/20.8
83.3./41.7
15
HS5F15BS 3
HSP5F15BS
24.00 (610.0)
17.00 (432.0) 12.50 (318.0) 375.0 (170.00)
4
18
62.5/31.2
125.0/62.5
25
HS5F25BS 3
HSP5F25BS
24.00 (610.0)
17.00 (432.0) 12.50 (318.0) 400.0 (181.00)
4
18
104.0/52.0
208.0/104.0
Group 1: 240 x 480 Primary, 120/240 Secondary, 60 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com