Electronic Components Datasheet Search
  English  ▼

X  

44006 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 44006
Description  Lockback Knife 2-5/8-Inch Aluminum Handle
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

44006 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  44006 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Catalog No. 44006
Lockback Knife 2-5/8-Inch Aluminum Handle
From Klein Tools, the Lightweight Lock back Knife features a 2-5/8-Inch hawkbill blade made of the finest AUS8 stainless steel, hardened to 58 RC to
59 RC. The premium-quality blade offers superior edge holding and locks in the open position. A reversible thumb stud on the handle allows easy,
1-handed opening. Includes a pocket/belt clip.
Specifications
Special Features:
Compact and Lightweight, Pocket Clip
Lock Style:
Lockback
Blade Type:
Hawkbill
Blade Length:
2.625'' (6.7 cm)
Blade Material:
AUS 8 Stainless Steel
Handle Type:
Slim
Handle Color:
Silver
Handle Material:
Anodized Aluminum
Length Closed:
3.875'' (9.8 cm)
Overall Length:
6.625'' (16.8 cm)
Weight:
1.3 oz (37 g)


Similar Part No. - 44006

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
44006 TEC-44006 Datasheet
97Kb / 3P
44006RC Precision Epoxy NTC Thermistor
Rev A
44006RC TEC-44006RC Datasheet
101Kb / 3P
Precision Epoxy NTC Thermistors
44006RC TEC-44006RC Datasheet
97Kb / 3P
44006RC Precision Epoxy NTC Thermistor
Rev A
44006RC-BP TEC-44006RC-BP Datasheet
97Kb / 3P
44006RC Precision Epoxy NTC Thermistor
Rev A
More results

Similar Description - 44006

ManufacturerPart #DatasheetDescription
logo
RAF ELECTRONIC HARDWARE
8749-3724-A RAF-8749-3724-A Datasheet
136Kb / 1P
3/8 ROUND, 90째 2 POSITION EXTERNAL THREADED HANDLE
8749-3724-SS RAF-8749-3724-SS Datasheet
136Kb / 1P
3/8 ROUND, 90째 2 POSITION EXTERNAL THREADED HANDLE
logo
Schneider Electric
9422A1 SCHNEIDER-9422A1 Datasheet
89Kb / 3P
Operating mechanism, flange mounted, variable depth, handle mechanism, 6 inch handle, NEMA depth, handle mechanism, 6 inch handle, NEMA
Apr 19, 2021
9421LT1 SCHNEIDER-9421LT1 Datasheet
93Kb / 2P
Circuit Breaker Mechanism, rotary handle, 1200A mechanism, 8 inch handle, standard shaft, MEL, MXL, MAL, MHL breakers
Jul 7, 2021
9421LH8 SCHNEIDER-9421LH8 Datasheet
78Kb / 2P
Circuit Breaker Mechanism, rotary handle, 8 inch handle assembly, NEMA 1, 3R, 12, for legacy circuit breakers
Jul 7, 2021
logo
WAGO Kontakttechnik Gmb...
787-6716-9400-000 WAGO-787-6716-9400-000 Datasheet
272Kb / 3P
Pluggable connector, 7/8 inch; 7/8 inch; 5-pole; Plug, straight
787-6716-9500-000 WAGO-787-6716-9500-000 Datasheet
232Kb / 3P
Pluggable connector, 7/8 inch; 7/8 inch; 5-pole; Plug, straight
787-6716-9600-000 WAGO-787-6716-9600-000 Datasheet
75Kb / 3P
Pluggable connector, 7/8 inch; 7/8 inch; 5-pole; Plug, angled
787-6716-9700-000 WAGO-787-6716-9700-000 Datasheet
69Kb / 3P
Pluggable connector, 7/8 inch; 7/8 inch; 5-pole; Socket, straight
787-6716-9800-000 WAGO-787-6716-9800-000 Datasheet
57Kb / 3P
Pluggable connector, 7/8 inch; 7/8 inch; 5-pole; Socket, angled
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com