Electronic Components Datasheet Search
  English  ▼

X  

1017 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 1017
Description  Heyco짰 Original Strain Relief Bushings
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

1017 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  1017 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
4-17
1-800-526-4182 • 732-286-1800 (NJ) • FAX: 732-244-8843 • www.heyco.com
“Stay Connected” with
Strain Relief Bushings
®
Heyco® Original Strain Relief Bushings
Straight-Thru for Flat Cables
.375˝ (9,5 mm) to .500˝ (12,7 mm) Mounting Holes
• Protects the lifeline of your electric/
electronic products by absorbing the
forces of pull, push, and twist that may
be exerted on the flexible power cord.
• Securely anchors, insulates, and
protects cable at panel entry points.
• Sizes for thin .040˝ (1,0 mm)
panel available: SR 4A-6 & SR 3A-4.
See charts for details.
• See page 4-38 for corresponding
Mounting Hole Plugs which can be
used to fill blank/unused Mounting
Holes and thus allow for a single panel
design for multiple applications.
• Consult Heyco for other wire types
and sizes.
• See pages 4-27 & 4-28 for SR
assembly tools.
• For Double D Mounting Hole Punches,
see page 4-30.
B
A
MOUNTING HOLE
C
C
*To install strain reliefs for .040˝ (1,0 mm)
maximum panel thickness, use
Part #0021 (No. R 291) Hand Pliers.
WILL FIT THESE CABLES
PANEL DIMENSIONS
PART NO. DESCRIPTION
PART DIM.
Mounting
UL Type
AWG/
Approximate
A
B
Finished
C
Hole Plug
Conductors
Size
Mounting
To Prevent
Fit Panel
Black
BODY
Hole Dia.
Rotation
Thickness*
LENGTH
in.
mm.
in.
mm.
in.
mm.
in.
mm.
in.
mm.
PART NO.
300 OHM
20/2
.06 x .40 1,5 x 10,2 .375
9,5
22/2
SPT-1
18/2
.12 x .30
3,0 x 7,6
.375
9,5
18/3
.390
9,9
.625-
15,9-
18/2
.15 x .40 3,8 x 10,2
.415
10,5
.640
16,3
.100
2,5
1814
SR 302-1**
.469
11,9 consult Heyco
18/3
.422
10,7
SPT-2
16/2
.16 x .41 4,1 x 10,4
.422
10,7
16/3
.437
11,1
Same as SR 302-1 above except
.156
4,0
1804
SR 300-1
.469
11,9 consult Heyco
CLOCK,
20/2
.09 x .18
2,3 x 4,6
X & XT
.375
9,5
.345
8,8
.062
1,6
1017
SR 2P-4
.406
10,3
2617
SPT-1
18/2
.11 x .21
2,8 x 5,3
Same as SR 2P-4 above except
.125
3,2
1034
SR 2L-1
.406
10,3
2617
SPT-1
18/2
.12 x .22
3,0 x 5,6 .437
11,1
.390
9,9
.040
1,0
1074
SR 3A-4
.406
10,3
2488
***
.062
1,6
1077
SR 3P-4
.406
10,3
2488
Same as SR 3A-4 above except
.100
2,5
1104
SR 3W-1
.156
4,0
1094
SR 3L-1
.406
10,3 consult Heyco
SPT-1,
SPT-2
18/2
.12 x .22
3,0 x 5,6 .500
12,7
.445
11,3
.100
2,5
1130
SR 4P-4
.440
11,2
2491
& HPN
SPT-1
18/3
.12 x .30
3,0 x 7,6
SPT-2
18/2
.15 x .28
3,8 x 7,1
.500
12,7
.445
11,3
.062
1,6
1120
SR 4N-4
.406
10,3
2491
& HPN
Same as SR 4N-4 above except
.100
2,5
1117
SR 4K-4
.406
10,3
2491
.156
4,0
1127
SR 4L-4
.406
10,3 consult Heyco
SPT-1
18/3
.12 x .30
3,0 x 7,6
SPT-2
18/2
.15 x .28
3,8 x 7,1
.500
12,7
& HPN
.460
11,7
.095
2,4
1114
SR 4K-1
.500
12,7
2491
HPN
18/3
.15 x .34
3,8 x 8,6
.500- 12,7-
SPT-2
HPN
16/2
.16 x .30
4,1 x 7,6 .515
13,1
Same as SR 4K-1 above except
.187
4,7
1124
SR 4L-1
.500
12,7 consult Heyco
Standard color black. Consult Heyco for white and other colors.
Wire is not UL/CSA approved.
* Maximum Panel Thickness. Part has additional clearance. Consult Heyco for your Custom Finished Fit Panel Thickness.
**Use Elongated Mounting Hole.
***To install Strain Reliefs for .040˝ (1,0 mm) Maximum Panel Thickness use Part No. 0021 (No. R 291) Hand Pliers.
Material
Nylon 6/6
Certifications
Recognized under the Component Program of Underwriters’ Laboratories
File E15331
Certified by the Canadian Standards Association File 8919
Flammability Rating
94V-2
Temperature Range
-.04°F (-18°C) to 221°F (105°C)


Similar Part No. - 1017

ManufacturerPart #DatasheetDescription
logo
Heyco.
1017 HEYCO-1017 Datasheet
136Kb / 1P
Original Strain Relief Bushings
logo
Ashcroft, Inc.
1017 ASHCROFT-1017 Datasheet
1Mb / 4P
1017 General Service Pressure Gauge
RevD_10-25-22
logo
Keystone Electronics Co...
1017 KEYSTONE-1017 Datasheet
174Kb / 1P
THM BATTERY HOLDERS
31-07 20th
logo
Time Electronics Ltd.
1017 TIME-ELECTRONICS-1017 Datasheet
614Kb / 2P
1017 Voltage/Current/Resistance Calibrator
02/24
logo
Heyco.
10170 HEYCO-10170 Datasheet
115Kb / 1P
Nylon PCB Supports - Imperial Spacing
More results

Similar Description - 1017

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
620AA002 GLENAIR-620AA002 Datasheet
28Kb / 1P
Strain Relief
620AS046 GLENAIR-620AS046 Datasheet
39Kb / 1P
Strain Relief
620DS054M GLENAIR-620DS054M Datasheet
162Kb / 1P
Strain Relief
620AS001Z116 GLENAIR-620AS001Z116 Datasheet
38Kb / 1P
Strain Relief
logo
List of Unclassifed Man...
561-MP2L10 ETC2-561-MP2L10 Datasheet
221Kb / 3P
Strain Relief Bushings
MP13-302792 ETC2-MP13-302792 Datasheet
220Kb / 3P
Strain Relief Bushings
1240 ETC-1240 Datasheet
105Kb / 1P
Heyco짰 Original Strain Relief Bushings
1847 ETC-1847 Datasheet
132Kb / 1P
Heyco짰 ST Lockit??Strain Relief Bushings
logo
Heyco.
1853 HEYCO-1853 Datasheet
159Kb / 1P
Heyco® RDD Lockit™ Strain Relief Bushings – Straight-Thru
1063 HEYCO-1063 Datasheet
172Kb / 1P
Heyco® Liquid Tight Strain Relief Bushings
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com