Electronic Components Datasheet Search
  English  ▼

X  

3907 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 3907
Description  Heyco짰 Nytye짰 Push Mount Nylon Cable Ties
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

3907 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  3907 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
7-66
1-800-526-4182 • 732-286-1800 (NJ) • FAX: 732-244-8843 • www.heyco.com
“Stay Connected” with
HEYware Products
®
Quick
Specs
Heyco
® Nytye® Push Mount Nylon Cable Ties
Standard color natural and UV Black. Consult Heyco for heat-stabilized material and colors.
† cURus
*Discrete blind mount fastener is pre-assembled to the Nytye. **Constructed so that the discrete blind mount fastener is molded to the Nytye.
A
B
A
C
B
Style 2
A
B
Style 1
Style 3
Style 4
A
RELEASE TAB
B
C
Style 5
A
B
Style 6
A
B
NEW!
Material
Nylon 6/6
Flammability Rating
94V-2
Temperature Range
-40°F (-40°C) to 185°F (85°C)
PART SPECIFICATIONS
PART NO.
DESCRIPTION
PART DIMENSIONS
STYLE
Tensile
Max. Bundle
UV
AB
C
Max. Panel
Mounting
Strength
Diameter
Natural
Black
Length
Width
Spacer Height
Thickness
Hole Dia.
Lbs.
N
in.
mm.
in.
mm.
in.
mm.
in.
mm.
in.
mm.
in.
mm.
Tension Wings
40
178
1.42
36,0
-
3907†
PWMS-155-HSB
6.23
158
.14
3,5
--
.09
2,3
.187
4,7
1
50
222
1.57
40,0
13254
13254B
PMT-50-070
7.09
180
.19
4,8
--
.09
2,4
.187
4,7
2
1.75
44,5
3904
3905
PMT 150
8.00
203
.19
4,8
--
.13
3,2
.250
6,4
1
Tension Wings, Standoff
18
80
.75
19,1
13262
13262B
PMST-18-050-156
5.04
128
.10
2,5
.24
6,1
.08
2,0
.156
4,0
1.38
35,0
13267
13267B
PMST-40-066-197
6.69
170
.14
3,6
.51
13,0
.08
2,0
.197
5,0
3
40
178
1.25
31,8
13268
13268B
PMST-40-068-187
6.81
173
.14
3,6
.78
19,8
.08
2,0
.187
4,7
Cupped Base, Standoff, Releasable
30
133
1.25
31,8
13273
13273B
PMRS-30-066
6.63
168
.14
3,6
.53
13,5
.023 - .098 0,6 - 2,5 .236 - .255 6,0 - 6,5
4
Blind Mount - 2PC*
50
222
2.13
54,1
13285
13285B
PMBMT-50-079-5
7.87
200
.19
4,8
--
.197
5,0
.177 - .197 4,5 - 5,0
5
13286
13286B
PMBMT-50-079-7
7.87
200
.19
4,8
--
.276
7,0
.256 - .276 6,5 - 7,0
Blind Mount - 1PC**
50
222
1.97
50,0
13288
13288B
PMBMT-50-081-71
8.11
206
.19
4,8
--
.281
7,1
.250 - .270
6,4
6
ALL NEW PRODUCT
ALL NEW PRODUCT
Min. Panel


Similar Part No. - 3907

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3907 ETC1-3907 Datasheet
2Mb / 6P
GERMANIUM PNP TRANSISTORS
logo
Heyco.
3907 HEYCO-3907 Datasheet
189Kb / 1P
Nytye® Push Mount Nylon Cable Ties
logo
Adafruit Industries
3907 ADAFRUIT-3907 Datasheet
349Kb / 2P
Color Coded Header for Raspberry Pi
logo
List of Unclassifed Man...
39070 ETC2-39070 Datasheet
62Kb / 3P
Plastek In-Plant Handlers
39070 ETC2-39070 Datasheet
62Kb / 3P
Plastek In-Plant Handlers
More results

Similar Description - 3907

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
481-0102UV ETC2-481-0102UV Datasheet
115Kb / 2P
Nylon Cable Ties
561-N3515 ETC2-561-N3515 Datasheet
179Kb / 2P
Nylon Wire Cable Ties
logo
Tripp Lite. All Rights ...
P35207N100 TRIPPLITE-P35207N100 Datasheet
516Kb / 1P
7.5 Nylon Cable Ties - 100-Pack
logo
PANDUIT CORP.
PRLWP30S-D30 PANDUIT-PRLWP30S-D30 Datasheet
96Kb / 2P
Ladder Style Releasable Wing Push Mount Ties ??Heat Stabilized Nylon 6.6
logo
Qualtek Electronics Cor...
21_SERIES QUALTEK-21_SERIES Datasheet
1Mb / 1P
PUSH MOUNT CABLE TIES
logo
OEN India Limited
04-0530MHX OENINDIA-04-0530MHX Datasheet
47Kb / 1P
Mounting Hole Nylon Cable Ties
04-0550RLX OENINDIA-04-0550RLX Datasheet
49Kb / 1P
Releasable Nylon Cable Ties
04-0750PMX OENINDIA-04-0750PMX Datasheet
74Kb / 1P
Push Mount Nylon Cable Ties
logo
Tripp Lite. All Rights ...
P352-07N-100 TRIPPLITE-P352-07N-100 Datasheet
174Kb / 2P
7.5 Nylon Cable Ties - 100-Pack
logo
List of Unclassifed Man...
3362 ETC-3362 Datasheet
100Kb / 1P
Heyco짰 Nylon Cable Clamps
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com