Electronic Components Datasheet Search
  English  ▼

X  

10121 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 10121
Description  Heyco짰 Nylon PCB Supports - Imperial Spacing
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

10121 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  10121 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
7-6
1-800-526-4182 • 732-286-1800 (NJ) • FAX: 732-244-8843 • www.heyco.com
“ S t a y C o n n e c t e d w i t h ” H E Y w a r e
*
BAYONET SNAP LOCK 10,2 /
WINGED TWO PRONG SNAP LOCK
BAYONET SNAP LOCK 10,9 /
ARROWHEAD SNAP LOCK
ARROWHEAD SNAP LOCK /
ARROWHEAD SNAP LOCK
BAYONET SNAP LOCK 10,2 /
ARROWHEAD SNAP LOCK
HLSP5
HLSP6
HLSP7
HLSP8
Maximum
Mounting
Maximum
Mounting
Maximum
Mounting
Maximum
Mounting
Thickness
Hole Diameter
Thickness
Hole Diameter
Thickness
Hole Diameter
Thickness
Hole Diameter
in.
mm.
in.
mm.
in.
mm.
in.
mm.
in.
mm.
in.
mm.
in.
mm.
in.
mm.
PCB
.062
1,6
.157
4,0
.090
2,3
.157
4,0
.062
1,6
.157
4,0
.062
1,6
.157
4,0
Chassis
.078
2,0
.187
4,8
.141
3,6
.187
4,8
.078
2,0
.187
4,8
.055
1,4
.187
4,8
A
PART NO.
DESCRIPTION
PART NO.
DESCRIPTION
PART NO.
DESCRIPTION
PART NO.
DESCRIPTION
in.
mm.
Natural*
Natural*
Natural
Natural
.187
4,8
10104
HLSP5-03
10118
HLSP6-03
10132
HLSP7-03
10146
HLSP8-03
.250
6,4
10105
HLSP5-04
10119
HLSP6-04
10133
HLSP7-04
10147
HLSP8-04
.312
7,9
10106
HLSP5-05
10120
HLSP6-05
10134
HLSP7-05
10148
HLSP8-05
.375
9,5
10107
HLSP5-06
10121
HLSP6-06
10135
HLSP7-06
10149
HLSP8-06
.437
11,1
10108
HLSP5-07
10122
HLSP6-07
10136
HLSP7-07
10150
HLSP8-07
.500
12,7
10109
HLSP5-08
10123
HLSP6-08
10137
HLSP7-08
10151
HLSP8-08
.625
15,9
10110
HLSP5-10
10124
HLSP6-10
10138
HLSP7-10
10152
HLSP8-10
.750
19,1
10111
HLSP5-12
10125
HLSP6-12
10139
HLSP7-12
10153
HLSP8-12
.875
22,2
10112
HLSP5-14
10126
HLSP6-14
10140
HLSP7-14
10154
HLSP8-14
1.000
25,4
10113
HLSP5-16
10127
HLSP6-16
10141
HLSP7-16
10155
HLSP8-16
1.125
28,6
10114
HLSP5-18
10128
HLSP6-18
10142
HLSP7-18
10156
HLSP8-18
1.250
31,8
10115
HLSP5-20
10129
HLSP6-20
10143
HLSP7-20
10157
HLSP8-20
1.375
34,9
10116
HLSP5-22
10130
HLSP6-22
10144
HLSP7-22
10158
HLSP8-22
Standard color natural. For special order parts in UL 94V-0 natural material, add the suffix “F” to Part No.
*Consult Heyco for HLSP5 & HLSP6 in V-0 material.
Heyco
® Nylon PCB Supports - Imperial Spacing
Material
Nylon 6/6
Flammability Rating
94V-2
Temperature Range
-40°F (-40°C) to 185°F (85°C)
Quick
Specs
* A Dimension is to Top of PCB


Similar Part No. - 10121

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
10121 TURCK-10121 Datasheet
293Kb / 4P
Inductive Sensor
11/07/2023
logo
Heyco.
10121 HEYCO-10121 Datasheet
113Kb / 1P
Nylon PCB Supports - Imperial Spacing
logo
Atom Lighting
10121 ATOM-10121 Datasheet
819Kb / 3P
AT9012 TRI
22nd of January 2025 19:21:57
10121 ATOM-10121 Datasheet
220Kb / 3P
AT9012 FR
23rd of January 2025 00:49:04
10121 ATOM-10121 Datasheet
852Kb / 3P
AT9012 TRI
23rd of January 2025 01:08:19
More results

Similar Description - 10121

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
561-MLLP187 ETC2-561-MLLP187 Datasheet
127Kb / 1P
PCB Supports - MLLP Series
logo
Harwin Plc
R30-1611100 HARWIN-R30-1611100 Datasheet
2Mb / 1P
Metric & Imperial Spacers
logo
List of Unclassifed Man...
561-DMSP250 ETC2-561-DMSP250 Datasheet
79Kb / 2P
PCB Supports
561-DSP125 ETC2-561-DSP125 Datasheet
294Kb / 2P
PCB Supports, DSP Series
561-LT187 ETC2-561-LT187 Datasheet
148Kb / 2P
PCB Supports - LTP Series
10500 ETC-10500 Datasheet
95Kb / 1P
Heyco짰 Nylon PCB Supports - Metric Spacing
10734 ETC-10734 Datasheet
90Kb / 1P
Heyco짰 Nylon PCB Supports - Threaded Male
11826 ETC-11826 Datasheet
125Kb / 1P
Heyco짰 Nylon Male/Female Threaded Hex Supports
3362 ETC-3362 Datasheet
100Kb / 1P
Heyco짰 Nylon Cable Clamps
3907 ETC-3907 Datasheet
163Kb / 1P
Heyco짰 Nytye짰 Push Mount Nylon Cable Ties
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com