Electronic Components Datasheet Search
  English  ▼

X  

3344 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 3344
Description  Heyco짰 Nylon Cable Clamps
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

3344 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  3344 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
7-34
1-800-526-4182 • 732-286-1800 (NJ) • FAX: 732-244-8843 • www.heyco.com
“ S t a y C o n n e c t e d w i t h ” H E Y w a r e
Heyco® Nylon Cable Clamps
• For clamping cable or tubing
securely into place.
• Resist corrosion, salt water, weak
acids, gasoline, alcohol, oil, grease,
and common solvents. (This feature
is not assessed by UL certification
or testing.)
• All parts are size marked in inches
and millimeters.
• Standard material Nylon 6/6. 94V-0
available, consult Heyco.
• For Snap Rivets compatible with
Heyco Cable Clamps, see the table on
page 7-35.
Material
Nylon 6/6
Certifications
Recognized under the Component Program of Underwriters’
Laboratories File E54523
Flammability Rating
94V-2
Temperature Range
32°F (0°C) to 221°F (105°C) - Black
32°F (0°C) to 185°F (85°C) - Natural
(1,3mm)
.050
A
3/8"
(9,5mm)
Light Duty
.060
1/2"
(12,7mm)
(1,5mm)
A
Heavy Duty
MOUNTING
SCREW
PART
PART NO.
DESCRIPTION
HOLE
SIZE
DIMENSION
DIAMETER
A
Black
Natural
in.
mm.
in.
mm.
Light Duty - 3/8˝ (9,5 mm) wide, .05˝ (1,3 mm) thick
.125
3,2
3362
3312
CCL 125-170
.187
4,7
3363
3313
CCL 187-170
.250
6,3
3364
3314
CCL 250-170
.170
4,3
8
.312
7,9
3365
3315
CCL 312-170
.375
9,5
3366
3316
CCL 375-170
.437
11,1
3367
3317
CCL 437-170
.500
12,7
3368
3318
CCL 500-170
.125
3,2
3352
3302
CCL 1/8
.187
4,7
3353
3303
CCL 3/16
.250
6,3
3354
3304
CCL 1/4
.203
5,2
10
.312
7,9
3355
3305
CCL 5/16
.375
9,5
3356
3306
CCL 3/8
.437
11,1
3357
3307
CCL 7/16
.500
12,7
3358
3308
CCL 1/2
Heavy Duty - 1/2˝ (12,7 mm) wide, .06˝ (1,5 mm) thick
.125
3,2
3372
3322
CCH 1/8
.187
4,7
3373
3323
CCH 3/16
.250
6,3
3374
3324
CCH 1/4
.312
7,9
3375
3325
CCH 5/16
.375
9,5
3376
3326
CCH 3/8
.437
11,1
3377
3327
CCH 7/16
.500
12,7
3378
3328
CCH 1/2
.562
14,3
3379
3329
CCH 9/16
.625
15,9
3380
3330
CCH 5/8
.203
5,2
10
.687
17,4
3381
3331
CCH 11/16
.750
19,1
3382
3332
CCH 3/4
.812
20,6
3383
3333
CCH 13/16
.875
22,2
3384
3334
CCH 7/8
1.000
25,4
3390
3340
CCH 1
1.125
28,6
3392
3342
CCH 1-1/8
1.187
30,1
3393
3343
CCH 1-3/16
1.250
31,8
3394
3344
CCH 1-1/4
1.375
34,9
3396
3346
CCH 1-3/8
1.500
38,1
3398
3348
CCH 1-1/2
Standard colors black and natural.
Quick
Specs


Similar Part No. - 3344

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
3344 FESTO-3344 Datasheet
95Kb / 1P
PE converter
7/13/22
logo
Heyco.
3344 HEYCO-3344 Datasheet
84Kb / 1P
Nylon Cable Clamps
logo
KR Electronics, Inc.
3344-1842 KR-3344-1842 Datasheet
69Kb / 3P
KR Electronics part number 3344-1842 is a 1842 MHz Notch filter.
logo
3M Electronics
3344-26 3M-3344-26 Datasheet
36Kb / 2P
3M Mini D Ribbon (MDR) Connectors
3344-26 3M-3344-26 Datasheet
1Mb / 10P
3M I/O Connector Mounting Options and Hardware
24-Apr-2012
More results

Similar Description - 3344

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AL-3 ETC1-AL-3 Datasheet
49Kb / 1P
CABLE CLAMPS ALUMINUM
561-16A0062 ETC2-561-16A0062 Datasheet
77Kb / 2P
Miniature Cable Clamps
logo
OEN India Limited
04-ACC10 OENINDIA-04-ACC10 Datasheet
2Mb / 1P
Nylon Cable Clamps, Adjustable
04-CCL125X OENINDIA-04-CCL125X Datasheet
39Kb / 1P
Nylon Cable Clamps
logo
List of Unclassifed Man...
10104 ETC-10104 Datasheet
116Kb / 1P
Heyco짰 Nylon PCB Supports - Imperial Spacing
10500 ETC-10500 Datasheet
95Kb / 1P
Heyco짰 Nylon PCB Supports - Metric Spacing
10734 ETC-10734 Datasheet
90Kb / 1P
Heyco짰 Nylon PCB Supports - Threaded Male
11826 ETC-11826 Datasheet
125Kb / 1P
Heyco짰 Nylon Male/Female Threaded Hex Supports
3907 ETC-3907 Datasheet
163Kb / 1P
Heyco짰 Nytye짰 Push Mount Nylon Cable Ties
logo
CamdenBoss Ltd.
CCU1C-AG CAMDENBOSS-CCU1C-AG Datasheet
299Kb / 1P
Camcirc cable clamps
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com