Electronic Components Datasheet Search
  English  ▼

X  

TMUX7212 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX7212
Description  TMUX7212-Q1 44 V, Low-RON, 1:1 (SPST), 4-Channel Precision Switches with Latch-Up Immunity and 1.8-V Logic
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7212 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TMUX7212 Datasheet HTML 28Page - Texas Instruments TMUX7212 Datasheet HTML 29Page - Texas Instruments TMUX7212 Datasheet HTML 30Page - Texas Instruments TMUX7212 Datasheet HTML 31Page - Texas Instruments TMUX7212 Datasheet HTML 32Page - Texas Instruments TMUX7212 Datasheet HTML 33Page - Texas Instruments TMUX7212 Datasheet HTML 34Page - Texas Instruments TMUX7212 Datasheet HTML 35Page - Texas Instruments TMUX7212 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
11 Power Supply Recommendations
The TMUX7212-Q1 device operates across a wide supply range of ±4.5 V to ±22 V (4.5 V to 44 V in single-
supply mode). The device also perform well with asymmetrical supplies such as VDD = 12 V and VSS = –5 V.
Power-supply bypassing improves noise margin and prevents switching noise propagation from the supply
rails to other components. Good power-supply decoupling is important to achieve optimum performance. For
improved supply noise immunity, use a supply decoupling capacitor ranging from 0.1 μF to 10 μF at both the VDD
and VSS pins to ground. Place the bypass capacitors as close to the power supply pins of the device as possible
using low-impedance connections. TI recommends using multi-layer ceramic chip capacitors (MLCCs) that
offer low equivalent series resistance (ESR) and inductance (ESL) characteristics for power-supply decoupling
purposes. For very sensitive systems, or for systems in harsh noise environments, avoiding the use of vias
for connecting the capacitors to the device pins may offer superior noise immunity. The use of multiple vias
in parallel lowers the overall inductance and is beneficial for connections to ground and power planes. Always
ensure the ground (GND) connection is established before supplies are ramped.
12 Layout
12.1 Layout Guidelines
When a PCB trace turns a corner at a 90° angle, a reflection can occur. A reflection occurs primarily because of
the change of width of the trace. At the apex of the turn, the trace width increases to 1.414 times the width. This
increase upsets the transmission-line characteristics, especially the distributed capacitance and self–inductance
of the trace which results in the reflection. Not all PCB traces can be straight and therefore some traces must
turn corners. Figure 12-1 shows progressively better techniques of rounding corners. Only the last example
(BEST) maintains constant trace width and minimizes reflections.
WORST
BETTER
BEST
1W min.
W
Figure 12-1. Trace Example
Route high-speed signals using a minimum of vias and corners which reduces signal reflections and impedance
changes. When a via must be used, increase the clearance size around it to minimize its capacitance.
Each via introduces discontinuities in the signal’s transmission line and increases the chance of picking up
interference from the other layers of the board. Be careful when designing test points, through-hole pins are not
recommended at high frequencies.
Some key considerations are:
• For reliable operation, connect a decoupling capacitor ranging from 0.1 µF to 10 µF between VDD/VSS and
GND. We recommend a 0.1 µF and 1 µF capacitor, placing the lowest value capacitor as close to the pin as
possible. Make sure that the capacitor voltage rating is sufficient for the supply voltage.
• Keep the input lines as short as possible.
• Use a solid ground plane to help reduce electromagnetic interference (EMI) noise pickup.
• Do not run sensitive analog traces in parallel with digital traces. Avoid crossing digital and analog traces if
possible, and only make perpendicular crossings when necessary.
• Using multiple vias in parallel will lower the overall inductance and is beneficial for connection to ground
planes.
TMUX7212-Q1
SCDS439 – SEPTEMBER 2021
www.ti.com
32
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMUX7212-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com