Electronic Components Datasheet Search
  English  ▼

X  

TMUX7412F Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX7412F
Description  TMUX741xF 짹60 V Fault-Protected, 1:1 (SPST), 4-Channel Switches with Latch-Up Immunity and 1.8-V Logic
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7412F Datasheet(HTML) 12 Page - Texas Instruments

Back Button TMUX7412F Datasheet HTML 8Page - Texas Instruments TMUX7412F Datasheet HTML 9Page - Texas Instruments TMUX7412F Datasheet HTML 10Page - Texas Instruments TMUX7412F Datasheet HTML 11Page - Texas Instruments TMUX7412F Datasheet HTML 12Page - Texas Instruments TMUX7412F Datasheet HTML 13Page - Texas Instruments TMUX7412F Datasheet HTML 14Page - Texas Instruments TMUX7412F Datasheet HTML 15Page - Texas Instruments TMUX7412F Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
7.8 12 V Single Supply: Electrical Characteristics (continued)
VDD = +12 V ± 10%, VSS = 0 V, GND = 0 V (unless otherwise noted)
Typical at VDD = +12 V, VSS = 0 V, TA = 25℃ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
SWITCHING CHARACTERISTICS
tON
Turn-on time
VS = 8 V,
RL = 300 Ω, CL= 12 pF
25°C
410
660
ns
–40°C to +85°C
750
–40°C to +125°C
750
tOFF
Turn-off time
VS = 8 V,
RL = 300 Ω, CL= 12 pF
25°C
85
200
ns
–40°C to +85°C
210
–40°C to +125°C
210
tRESPONSE
Fault response time
RL = 300 Ω, CL= 12 pF
25°C
500
600
ns
–40°C to +85°C
650
–40°C to +125°C
700
tRECOVERY
Fault recovery time
RL = 300 Ω, CL= 12 pF
25°C
850
2400
ns
–40°C to +85°C
2900
–40°C to +125°C
2900
tRESPONSE(FLAG) Fault flag response time
RL = 300 Ω, CL= 12 pF,
RPU = 1k Ω, CL_FF = 12 pF
25°C
105
ns
tRECOVERY(FLAG) Fault flag recovery time
RL = 300 Ω, CL= 12 pF,
RPU = 1k Ω, CL_FF = 12 pF
25°C
0.8
µs
QJ
Charge injection
VS = 6 V, CL = 1 nF
25°C
–230
pC
OISO
Off-isolation
RS = 50 Ω, RL = 50 Ω, CL = 5 pF,
VS = 200 mVRMS, VBIAS = 0 V, f = 1 MHz
25°C
–53
dB
XTALK
Crosstalk
RS = 50 Ω, RL = 50 Ω, CL = 5 pF,
VS = 200 mVRMS, VBIAS = 0 V, f = 1 MHz
25°C
–100
dB
BW
–3 dB bandwidth
RS = 50 Ω, RL = 50 Ω, CL = 5 pF,
VS = 200 mVRMS, VBIAS = 0 V
25°C
620
MHz
ILOSS
Insertion loss
RS = 50 Ω, RL = 50 Ω, CL = 5 pF,
VS = 200 mVRMS, VBIAS = 0 V, f = 1 MHz
25°C
–0.7
dB
THD+N
Total harmonic distortion plus
noise
RS = 50 Ω, RL = 10k Ω,
VS = 6 VPP, VBIAS = 6 V,
f = 20Hz to 20 kHz
25°C
0.0007
%
CS(OFF)
Input off-capacitance
f = 1 MHz, VS = 6 V
25°C
11
pF
CD(OFF)
Output off-capacitance
f = 1 MHz, VS = 6 V
25°C
13
pF
CS(ON)
CD(ON)
Input/Output on-capacitance
f = 1 MHz, VS = 6 V
25°C
16
pF
POWER SUPPLY
IDD
VDD supply current
VDD = 13.2 V, VSS = 0 V,
VSELx = 0 V, 5 V, or VDD
25°C
0.3
0.5
mA
–40°C to +85°C
0.5
–40°C to +125°C
0.6
mA
IGND
GND current
VDD = 13.2 V, VSS = 0 V,
VSELx = 0 V, 5 V, or VDD
25°C
0.06
mA
IDD(FA)
VDD supply current under fault
VS = ± 60 V,
VDD = 13.2 V, VSS = 0 V,
VSELx = 0 V, 5 V, or VDD
25°C
0.25
0.5
mA
–40°C to +85°C
0.5
–40°C to +125°C
0.6
IGND(FA)
GND current under fault
25°C
0.15
mA
(1)
When VS is 10 V, VD is 1 V. Or when VS is 1 V, VD is 10 V.
(2)
When VS is at a voltage potential, VD is floating. Or when VD is at a voltage potential, VS is floating.
TMUX7411F, TMUX7412F, TMUX7413F
SCDS404A – MARCH 2021 – REVISED NOVEMBER 2021
www.ti.com
12
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMUX7411F TMUX7412F TMUX7413F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com