Electronic Components Datasheet Search
  English  ▼

X  

5KP Datasheet(PDF) 5 Page - Socay Electornics Co., Ltd.

Part # 5KP
Description  Axial Lead Transient Voltage Suppressors (TVS)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

5KP Datasheet(HTML) 5 Page - Socay Electornics Co., Ltd.

  5KP Datasheet HTML 1Page - Socay Electornics Co., Ltd. 5KP Datasheet HTML 2Page - Socay Electornics Co., Ltd. 5KP Datasheet HTML 3Page - Socay Electornics Co., Ltd. 5KP Datasheet HTML 4Page - Socay Electornics Co., Ltd. 5KP Datasheet HTML 5Page - Socay Electornics Co., Ltd. 5KP Datasheet HTML 6Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Axial Lead Transient Voltage Suppressors (TVS)
Revision November 8, 2019
5 /6
@ SOCAY Electronics Corp., Ltd. 2019
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
5KP Series
5.0 To 190V
5000W
SOCAY Electronics Corp., Ltd.
www.socay.com
Weight
0.07 ounce, 2.1gram
Temperature Cycle
JESD22-A104
Pressure Cooker
JESD22-A102
Case
JEDEC R-6/P600 Molded Plastic over
glass passivated junction
High Temp. Storage
JESD22-A103
Polarity
Color band denotes cathode except
Bipolar
HTRB
JESD22-A108
Terminal
Matte Tin-plated leads, Solderable per
JESD22-B102D
Thermal Shock
JESD22-A106
Reflow Condition
Lead
–free assembly
Pre Heat
-Temperature Min (Ts(min))
150
°C
-Temperature Max (Ts(max))
200
°C
- Time (min to max) (Ts)
60 -180 Seconds
Average ramp up rate ( Liquidus TempTL)
to peak
3
°C/second max
TS(max) to TL - Ramp-up Rate
3
°C/second max
Reflow
- Temperature (TL) (Liquidus)
217
°C
- Time (min to max)(TL)
60 -150 Seconds
Peak Temperature (TP)
260 +0/-5
°C
Time
within
5
°C
of
actual
peak
Temperature (tp)
20 -40 Seconds
Ramp-down Rate
6
°C/second max
Time 25
°C to peak Temperature (TP)
8 minutes Max
Do not exceed
280
°C
Ramp-down
Preheat
Critical Zone
TL toTP
Time to peak temperature
(t 25℃ to peak)
TP
TL
TS(max)
TS(min)
25
Ramp-up
Time
I-V Curve Characteristics
Soldering Parameters
Physical Specifications
Environmental Specifications
IF
I
V
VF
IT
IPP
VRW
VBR
R
VC
Uni-directional
IPP
I
V
IT
IR
VRW VBR
R
VC
IT
IR
IPP
VRW
VBR
R
VC
Bi-directional



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com