Electronic Components Datasheet Search
  English  ▼

X  

AKFW311-R Datasheet(PDF) 15 Page - IDEC Corporation

Part # AKFW311-R
Description  Honeywell ZephyrTM Digital Airflow Sensors
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

AKFW311-R Datasheet(HTML) 15 Page - IDEC Corporation

Back Button AKFW311-R Datasheet HTML 11Page - IDEC Corporation AKFW311-R Datasheet HTML 12Page - IDEC Corporation AKFW311-R Datasheet HTML 13Page - IDEC Corporation AKFW311-R Datasheet HTML 14Page - IDEC Corporation AKFW311-R Datasheet HTML 15Page - IDEC Corporation AKFW311-R Datasheet HTML 16Page - IDEC Corporation AKFW311-R Datasheet HTML 17Page - IDEC Corporation AKFW311-R Datasheet HTML 18Page - IDEC Corporation AKFW311-R Datasheet HTML 19Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 41 page
background image
ø22mm - TW Series
Switches & Pilot Devices
710
www.IDEC.com
1904032203
Illuminated Pushbuttons (Sub-Assembled)
Transformer/
Adaptor*
+
Contacts
+
Lamp Holder
+
Operator
+
Lamp
+
Lens
=
Complete Part
*Not applicable for full voltage units
Operators
Style
Part Number
Momentary
Maintained
Extended
ALW-0600
AOLW-0600
Extended with
Full Shroud
ALFW-0600
AOLFW-0600
ø29mm/ø40mm
Mushroom
ALW3-0600
AOLW3-0600
Square/Extended
ALQW-2B0600
AOLQW-2B0600
Lenses
Style
Part Number
Standard
Engravable
Round Extended
ALW2LU-k
ALW2BLU-k
ø 29mm
Mushroom Head*
ALW3LU-k
ALW3BLU-k
ø 40mm
Mushroom Head*
ALW4LU-k
ALW4BLU-k
Square Extended
—
ALQW2BLU-k
1. In place of k, specify the lens color code from table on the bottom right.
2. *Mushroom lens not available in yellow.
3. Standard lenses have ribbed pattern, Engravable lenses are smooth and include an
engravable insert.
Lamps
Style
Voltage
Part Number
LED
6V AC/DC
LSTD-6k
12V AC/DC
LSTD-1k
24V AC/DC
LSTD-2k
120V AC
LSTD-H2k
240V AC
LSTD-M4k
1. In place of k, specify the LED color code.
2. The LED contains a current-limiting resistor and a
protection diode.
Lamp Circuit Components
Style
Application
Part Number
Long Lamp Holder
Used with Full-size
Transformer and two
contact blocks
TW-LH2
Lead Holder
Used with TW-LH2
holder when using four
contact blocks and
transformer
HW-LH3
k
LED/Lens Color Codes
Color
Code
Color
Code
Amber
A
Blue
S
Green
G
White
W
Red
R
Yellow
Y
Yellow LED not available. Use white LED.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com