Electronic Components Datasheet Search
  English  ▼

X  

TMUX8211 Datasheet(PDF) 3 Page - Texas Instruments

Part # TMUX8211
Description  TMUX821x 100-V, Flat Ron, 1:1 (SPST), 4-Channel Switches with Latch-Up Immunity and 1.8-V Logic
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX8211 Datasheet(HTML) 3 Page - Texas Instruments

  TMUX8211 Datasheet HTML 1Page - Texas Instruments TMUX8211 Datasheet HTML 2Page - Texas Instruments TMUX8211 Datasheet HTML 3Page - Texas Instruments TMUX8211 Datasheet HTML 4Page - Texas Instruments TMUX8211 Datasheet HTML 5Page - Texas Instruments TMUX8211 Datasheet HTML 6Page - Texas Instruments TMUX8211 Datasheet HTML 7Page - Texas Instruments TMUX8211 Datasheet HTML 8Page - Texas Instruments TMUX8211 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Device Comparison Table
PRODUCT
DESCRIPTION
TMUX8211
High Voltage, 4-channel, 1:1 (SPST) switches, (Logic Low)
TMUX8212
High Voltage, 4-channel, 1:1 (SPST) switches, (Logic High)
TMUX8213
High Voltage, 4-channel, 1:1 (SPST) switches, (Logic Low + Logic High)
5 Pin Configuration and Functions
1
S1
16
S2
2
D1
15
D2
3
SEL1
14
SEL2
4
V
SS
13
V
DD
5
GND
12
N.C.
6
SEL4
11
SEL3
7
D4
10
D3
8
S4
9
S3
Not to scale
Figure 5-1. PW Package
16-Pin TSSOP
Top View
1
V
SS
12
SEL2
2
SEL1
11
SEL3
3
GND
10
N.C.
4
SEL4
9
V
DD
Not to scale
Thermal
Pad
Figure 5-2. RUM Package (Preview)
16-Pin WQFN
Top View
Table 5-1. Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
TSSOP
WQFN(2)
S1
1
15
I/O
Source pin 1. Can be an input or an output.
D1
2
16
I/O
Drain pin 1. Can be an input or an output.
SEL1
3
2
I
Logic control input 1.
VSS
4
1
P
Negative power supply. This pin is the most negative power-supply potential.
In single-supply applications, this pin can be connected to ground. For reliable
operation, connect a decoupling capacitor ranging from 1 µF to 10 µF between
VSS and GND.
GND
5
3
P
Ground (0 V) reference
SEL4
6
4
I
Logic control input 4.
D4
7
5
I/O
Drain pin 4. Can be an input or an output.
S4
8
6
I/O
Source pin 4. Can be an input or an output.
S3
9
7
I/O
Source pin 3. Can be an input or an output.
D3
10
8
I/O
Drain pin 3. Can be an input or an output.
SEL3
11
11
I
Logic control input 2.
N.C.
12
10
—
No internal connection.
VDD
13
9
P
Positive power supply. This pin is the most positive power-supply potential. For
reliable operation, connect a decoupling capacitor ranging from 1 µF to 10 µF
between VDD and GND.
SEL2
14
12
I
Logic control input 2.
D2
15
13
I/O
Drain pin 2. Can be an input or an output.
S2
16
14
I/O
Source pin 2. Can be an input or an output.
Thermal Pad
—
The thermal pad is not connected internally. No requirement to solder this pad, if
connected it is recommended that the pad be tied to GND.
(1)
I = input, O = output, I/O = input and output, P = power
(2)
Preview package.
www.ti.com
TMUX8212
SCDS434 – OCTOBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TMUX8212



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com