Electronic Components Datasheet Search
  English  ▼

X  

880MP2 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # 880MP2
Description  Modulink??880MP Series Floor Boxes
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

880MP2 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  880MP2 Datasheet HTML 1Page - List of Unclassifed Manufacturers 880MP2 Datasheet HTML 2Page - List of Unclassifed Manufacturers 880MP2 Datasheet HTML 3Page - List of Unclassifed Manufacturers 880MP2 Datasheet HTML 4Page - List of Unclassifed Manufacturers 880MP2 Datasheet HTML 5Page - List of Unclassifed Manufacturers 880MP2 Datasheet HTML 6Page - List of Unclassifed Manufacturers 880MP2 Datasheet HTML 7Page - List of Unclassifed Manufacturers 880MP2 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
ED923R14 — Updated April 2019 — For latest specs visit www.legrand.us/wiremold
7
WIREMOLD®
Modulink™ 880MP Series Floor Boxes
Modulink 880MP Series Nonmetallic Cover Plate Flanges Ordering Information
Country of Origin: Mexico
817PCC-BLK
817PCC-BRN
One-Gang Nonmetallic Carpet
Flange – Available in black or
brown. For Ortronics® connectivity
use with 829PFLRT Cover. For
Activate connectivity use with
829PFL Cover. Accepts Ortronics®
MAB6TJ TracJack and MAB3S2
Series II adapters and Wiremold
CM Series inserts,
sold separately.
Country of Origin: Mexico
837PCC-BLK
837PCC-BRN
Three-Gang Nonmetallic Carpet
Flange – Available in black or
brown. For Ortronics® connectivity
use with 829PFLRT Cover. For
Activate connectivity use with
829PFL Cover. Accepts Ortronics®
MAB6TJ TracJack and MAB3S2
Series II adapters and Wiremold
CM Series inserts,
sold separately.
Country of Origin: Mexico
827PCC-BLK
827PCC-BRN
Two-Gang Nonmetallic Carpet
Flange – Available in black or
brown. For Ortronics® connectivity
use with 829PFLRT Cover. For
Activate connectivity use with
829PFL Cover. Accepts Ortronics®
MAB6TJ TracJack and MAB3S2
Series II adapters and Wiremold
CM Series inserts,
sold separately.
NOTE: Brass covers and flanges are not interchangeable with
aluminum or nonmetallic covers and flanges. Nonmetallic
covers are interchangeable with aluminum flanges.
NOTE: UL Listed for tile, terrazzo, and carpet floors.
* Replacement flip lids can be ordered
under Cat. No. PFL-BLK and PFL-BRN.
Each Cat. No. comes with three flip
lids. The above cover plates are listed
for tile and carpet applications.
5 3/4"
(146mm)
8 7/8"
(225mm)
5 3/4"
(146mm)
13"
(330mm)
5 3/4"
(146mm)
4 3/4"
(121mm)
All cover assemblies
for the Modulink 880MP
Series Floor Box have
TopGuard protection.
Modulink 880MP Series Nonmetallic Cover Plates Ordering Information
Country of Origin: USA
828PR-BLK
828PR-BRN
Nonmetallic Duplex Cover Plate –
Flip lids. Available in black or
brown. Can also be used with a
106 type communication bezel.
Country of Origin: USA
829PFLRT-BLK
829PFLRT-BRN
Nonmetallic Communication
Cover Plate – Individual flip lids.*
Available in black or brown. Gasket
and Ortronics® MAB6TJ TracJack
and MAB3S2 Series II adapters
included.
Country of Origin: USA
828PRGFI-BLK
828PRGFI-BRN
Nonmetallic GFI Cover Plate –
Available in black or brown. May be
used with Activate and Ortronics®
Connectivity systems in
conjunction with 817, 827 and
837PCC Series flanges.
Country of Origin: USA
828PFL-BLK*
828PFL-BRN*
Nonmetallic Communication
Cover Plate – Individual flip lids.*
Available in black or brown. Gasket
and Activate, CM-MAB adapters.
Wiremold Open System inserts
included.
3 3/16"
(81mm)
4 1/8"
(105mm)
3 3/16"
(81mm)
4 1/8"
(105mm)
3 3/16"
(81mm)
4 1/8"
(105mm)
NOTE: Brass covers and flanges are not interchangeable with
aluminum or nonmetallic covers and flanges. Nonmetallic
covers are interchangeable with aluminum flanges.
Country of Origin: USA
829PCK-BLK
829PCK-BRN
Nonmetallic Communication
Cover Plate – Breakouts.
Available in black or brown. Feed
through only, not for use with a
mounting plate for communication
jacks.
Country of Origin: USA
829PSTC-BLK
829PSTC-BRN
Nonmetallic Communication
Cover Plate – Data slides.
Available in black or brown. Feed
through only, not for use with a
mounting plate for communication
jacks.
3 3/16"
(81mm)
4 1/8"
(105mm)
3 3/16"
(81mm)
4 1/8"
(105mm)
3 3/16"
(81mm)
4 1/8"
(105mm)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com