Electronic Components Datasheet Search
  English  ▼

X  

17601 Datasheet(PDF) 2 Page - Aven, Inc.

Part # 17601
Description  Heat Gun With Adjustable Temperature Control
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVEN [Aven, Inc.]
Direct Link  https://www.aventools.com/
Logo AVEN - Aven, Inc.

17601 Datasheet(HTML) 2 Page - Aven, Inc.

  17601 Datasheet HTML 1Page - Aven, Inc. 17601 Datasheet HTML 2Page - Aven, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
aveninc.com
Aven’s Heat Gun With LCD Display offers precise heat control with a
sharp LCD display. Exact temperatures in increments of 10 degrees
can be chosen using the temperature controls on the back of the unit.
Features high and low airflow settings, and is designed to use either
by hand or placed vertically on a work bench. Includes 3 nozzle
attachments.
Digital Temperature Dial
•
Easy temperature
selection
Airflow Switch
•
Alternate between
high and low airflow
settings
Nozzle Attachments
•
Includes 3 nozzle
attachments to direct
airflow as needed
Powerful Heat Application
Phone | 734.973.0099
Email | sales@aveninc.com
Heat Gun
With Digital Temperature Control
Item #
17602
Weight
2.15 lbs
Voltage
120V / 1500W / 60Hz
Power Output
Low – 800W / High – 1500W
Temperature
Low: 100° C – 300° C / High: 300° – 650° C
Airflow
450L/min
AVEN HEAT GUN 1500W w/ DIGITAL TEMPERATURE CONTROL



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com