Electronic Components Datasheet Search
  English  ▼

X  

5507SW Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 5507SW
Description  Low Voltage and Power Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

5507SW Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  5507SW Datasheet HTML 1Page - List of Unclassifed Manufacturers 5507SW Datasheet HTML 2Page - List of Unclassifed Manufacturers 5507SW Datasheet HTML 3Page - List of Unclassifed Manufacturers 5507SW Datasheet HTML 4Page - List of Unclassifed Manufacturers 5507SW Datasheet HTML 5Page - List of Unclassifed Manufacturers 5507SW Datasheet HTML 6Page - List of Unclassifed Manufacturers 5507SW Datasheet HTML 7Page - List of Unclassifed Manufacturers 5507SW Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
400, 800, 2300 and 2300BACD Series™ Raceway, are
a family of low-profile raceways that are designed
for communication or power applications. 400, 800
and 2300 Raceway offer a single channel for either
communication or power. And when power and low
voltage services are both needed in a single raceway,
the divided 2300BACD Raceway with it’s low-profile
design, is an easy-to-install option.
400,800,2300 and 2300BACD Raceways are an
ideal solution for use in classrooms, offices, hospitality
applications, or anywhere a small, secure, low profile
raceway is needed.
WIREMOLD®
400/800/2300 Series™ Raceway
FEATURES & BENEFITS
Low Profile Design Combines Functionality With Aesthetics
Ideal for Low Voltage and Power Applications
n
Accommodates communication and/or power wiring.
Can be used for communications, computer lines,
surveillance systems, fire alarms, outlets, and more.
n
Available in three sizes. 400, 800, and 2300 sizes provide
flexibility for meeting a variety of capacity and space
requirements. Perfect for most small drops and horizontal
runs to work stations.
n
Durable, textured PVC construction. Available in ivory or
white finish to blend with any decor. Also paintable using
latex paint. Consult factory for custom color options.
n
Single- and dual-compartment low profile design.
Provides functionality and flexibility with aesthetics for
single- or dual-service applications.
n
Adhesive backing for low voltage (under 50V)
applications. Allows base to be pressed onto mounting
surface. Speeds installation.
n
Lightweight and easy to handle. Saves time and labor
costs. Standard 5' (1.525m) raceway lengths can be easily
installed by one person. Custom lengths up to 10' (3.05m)
are also available.
n
Divided FiberReady® fittings. For use with 2300BAC
and 2300BACD. Full capacity fittings provide 2" (51mm)
bend radius.
n
Over-the-raceway box for 2300 and 2300D. Boxes
mount over continuous run of raceway base eliminating
the need to cut raceway when locating devices.
n
Sure-Snap® boxes for 2300BACD. Provides flush look
and ease of installation.
n
Snap-on cover. Provides security with access to wiring
for changes or additions.
n
Datacom connectivity options. Accepts industry standard
and proprietary devices from a wide range of manufacturers
to provide a seamless and aesthetically pleasing interface
for voice, data, audio, and video applications at the point
of use.
n
cULus Listed. File E90378 Raceway, E90377 Fittings.
2300D Series Raceway in a
typical office application.
ED296R18 – Updated January 2016 – For latest specs visit www.legrand.us/wiremold
Download this product’s PEP ecopasport
®
environmental product declaration at
www.legrand.us/resources-and-downloads.
This declaration conforms with ISO 14025 and
14040 and is in alignment with EN 15804.


Similar Part No. - 5507SW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5507 ETC-5507 Datasheet
31Kb / 1P
High Current RF Chokes
logo
Alpha Wire
5507 ALPHAWIRE-5507 Datasheet
410Kb / 4P
22 (7/30) AWG Tinned Copper
logo
Adafruit Industries
5507 ADAFRUIT-5507 Datasheet
135Kb / 1P
nOOds - Flexible LED Filament - 3V 300mm long - Lime Green
11-4-22
logo
Bourns Electronic Solut...
5507-RC BOURNS-5507-RC Datasheet
469Kb / 1P
High Current Chokes
logo
Festo Corporation.
550700 FESTO-550700 Datasheet
110Kb / 2P
Air solenoid valve
7/28/22
More results

Similar Description - 5507SW

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RSF05G1-1P TOSHIBA-RSF05G1-1P Datasheet
311Kb / 6P
LOW POWER SWITCHING AND CONTROL APPLICATIONS
USF05G49 TOSHIBA-USF05G49 Datasheet
351Kb / 6P
LOW POWER SWITCHING AND CONTROL APPLICATIONS
logo
List of Unclassifed Man...
FT4442 ETC2-FT4442 Datasheet
186Kb / 12P
Low voltage and low power operations:
logo
Toshiba Semiconductor
SF0R3G42 TOSHIBA-SF0R3G42 Datasheet
305Kb / 6P
LOW POWER SWITCHING AND CONTROL APPLICATIONS
logo
Maxim Integrated Produc...
MAX1434EVKIT MAXIM-MAX1434EVKIT Datasheet
1Mb / 23P
Low-Voltage and Low-Power Operation
Rev 1; 8/10
MAX12553EVKIT MAXIM-MAX12553EVKIT Datasheet
432Kb / 14P
Low-Voltage and Low-Power Operation
Rev 1; 10/06
MAX19541EVKIT MAXIM-MAX19541EVKIT Datasheet
441Kb / 14P
Low-Voltage and Low-Power Operation
Rev 1; 5/07
MAX19527EVKIT MAXIM-MAX19527EVKIT Datasheet
3Mb / 26P
Low-Voltage and Low-Power Operation
Rev 0; 9/10
logo
Toshiba Semiconductor
SFOR3G42 TOSHIBA-SFOR3G42 Datasheet
307Kb / 5P
LOW POWER SWITCHING AND CONTROL APPLICATIONS
1966-12-02
2SD685 TOSHIBA-2SD685 Datasheet
228Kb / 3P
IGNITER APPLICATIONS. HIGH VOLTAGE AND HIGH POWER SWITCHING APPLICATIONS.
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com