Electronic Components Datasheet Search
  English  ▼

X  

800BAC Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 800BAC
Description  Low Voltage and Power Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

800BAC Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  800BAC Datasheet HTML 1Page - List of Unclassifed Manufacturers 800BAC Datasheet HTML 2Page - List of Unclassifed Manufacturers 800BAC Datasheet HTML 3Page - List of Unclassifed Manufacturers 800BAC Datasheet HTML 4Page - List of Unclassifed Manufacturers 800BAC Datasheet HTML 5Page - List of Unclassifed Manufacturers 800BAC Datasheet HTML 6Page - List of Unclassifed Manufacturers 800BAC Datasheet HTML 7Page - List of Unclassifed Manufacturers 800BAC Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Catalog No./Item
Description/Specifications
CM-MMB-233
Three-Insert FiberReady®
Multimedia Box –
Compatible with 400BAC,
800BAC and 2300BAC
Series Raceway. Accepts Pass &
Seymour® Activate Inserts and
Wiremold Open System
Communications Modules
1 1/2"
(38mm)
7 3/4"
(197mm)
5.19"
(132mm)
Catalog No./Item
Description/Specifications
CM-MMB-231
One Insert Multimedia Box -
Compatible with 400BAC and
800BAC Series Raceway.
Accepts Pass & Seymour® Activate
Inserts and Wiremold Open
System Communication Modules.
CM-MMB-232
Two Insert FiberReady®
Multimedia Box - Compatible with
400BAC, 800BAC, and 2300BAC
Series Raceway. Accepts Pass &
Seymour® Activate Inserts and
Wiremold Open System
Communications Modules.
1 1/2"
(38mm)
5.19"
(132mm)
5.19"
(132mm)
1 1/2"
(38mm)
3 1/4"
(83mm)
3 1/4"
(83mm)
4
Catalog No./Item
Description/Specifications
2318DFO
Bend Radius Divided External
Elbow – A 90° external corner with
integral dividers to provide 2"
(51mm) cable bend radius for
UTP and fiber optic installations.
2389
Reducing Connector
(2300BAC-800BAC) –
For transitioning from 2300BAC
to 800BAC Series Raceway.
2389A
Reducing Connector
(2300BAC-400BAC) –
For transitioning from 2300BAC
to 400BAC Series Raceway.
5474
Transition Tap Fitting – Makes
transition from 5400 Raceway to
400BAC, 800BAC, 2300BAC
Series Raceway.
Catalog No./Item
Description/Specifications
2310A
Entrance End Fitting – 1/2", 3/4",
and 1" trade size KOs for feeding
2300 Series Raceway.
2310DFO
Bend Radius Divided Entrance
End Fitting – Divided fitting to
feed 2300BAC and 2300BACD
Series Raceway. Includes 1/2",
3/4" and 1" trade size KOs on
back and top.
2311DFO
Bend Radius Divided Flat Elbow –
A 90° flat corner with integral
dividers to provide 2" (51mm)
cable bend radius for UTP and
fiber optic installations
.
2317DFO
Bend Radius Divided Internal
Elbow – A 90° internal corner with
integral dividers to provide 2"
(51mm) cable bend radius for
UTP and fiber optic installations.
3"
(76mm)
2 1/2"
(64mm)
400, 800, 2300, 2000D Series Fittings Ordering Information (continued)
NOTE: No suffix denotes ivory finish. Add “–WH” suffix for white finish.
7 9/16"
(192mm)
3 3/16"
(81mm)
6 1/2"
(165mm)
4"
(102mm)
2 3/16"
(56mm)
3 1/2"
(89mm)
3 1/2"
(89mm)
4 1/2"
(115mm)
2 7/16"
(62mm)
1 15/16"
(49mm)
5 1/2"
(140mm)
5 1/2"
(140mm)
3 1/4"
(83mm)
3 3/4"
(95mm)
5"
(127mm)
3 3/4"
(95mm)
3"
(76mm)
2 1/2"
(64mm)
400, 800, 2300, 2000D Series Communications Boxes Ordering Information (continued)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com