Electronic Components Datasheet Search
  English  ▼

X  

410B Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # 410B
Description  Low Voltage and Power Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

410B Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  410B Datasheet HTML 1Page - List of Unclassifed Manufacturers 410B Datasheet HTML 2Page - List of Unclassifed Manufacturers 410B Datasheet HTML 3Page - List of Unclassifed Manufacturers 410B Datasheet HTML 4Page - List of Unclassifed Manufacturers 410B Datasheet HTML 5Page - List of Unclassifed Manufacturers 410B Datasheet HTML 6Page - List of Unclassifed Manufacturers 410B Datasheet HTML 7Page - List of Unclassifed Manufacturers 410B Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
NOTE: No suffix denotes ivory finish. Add “–WH” suffix for
white finish, and “G” for Gray finish. Consult factory for
custom colors.
Catalog No./Item
Description/Specifications
5507AD
Modular Furniture Adapter –
For mounting Activate
modular furniture bezels and
other modular furniture
adapters. Not for use with
rectangular (decorator) style
devices.
5507B
Blank Faceplate – For covering
unused compartments in the
device bracket.
5507D
Duplex Receptacle
Faceplate – For covering duplex
style devices. Accepts 106 Frame.
5507R
Rectangular Receptacle
Faceplate – For covering
rectangular decorator
style devices.
5507S
Rectangular Spacer – For
mounting commercial device
plates. Installs between the
device bracket and a device.
5507SW
Switch Faceplate – For covering
standard toggle switches.
5507T1
Single Receptacle Faceplate –
For covering single receptacles –
1.59" (40mm) diameter.
5507T2
Single Receptacle Faceplate –
For covering single receptacles –
1.41" (36mm) diameter.
Catalog No./Item
Description/Specifications
5507RJ
Dual RJ11/RJ45
Connector Faceplate – For
mounting one or two RJ type
connectors – has one opening and
a KO for the other.
5507FRJ
Flush Dual RJ11/RJ45
Connector Faceplate – Same as
5507RJ except the connectors are
recessed to provide a
flush installation.
5507-4TJ
Ortronics® Faceplate – For
mounting Ortronics® datacom
inserts. Accepts four
TracJack Devices.
5507-6TJ
Ortronics® Faceplate – For
mounting Ortronics® datacom
inserts. Accepts six
TracJack Devices.
CM-EPLA
End Plates – Includes two outlet
identification labels with clear
covers and two matching screw
covers. Required for mounting
Pass & Seymour® Activate™ and
Wiremold Open System
communication modules into
the 2344SD-2A.
S2-EPL
End Plates – Includes two outlet
identification labels with clear
covers and two matching screw
covers. Required for mounting
Ortronics® Series II modules into
the 2344SD-2A.
5507 Series Faceplates Ordering Information
© Copyright 2016 Legrand All Rights Reserved
ED296R18 – Updated January 2016 – For latest specs visit www.legrand.us/wiremold
Electrical Wiring Systems
60 Woodlawn Street
West Hartford, CT 06110
Phone: 1.877.BY.LEGRAND (295-3472)
www.legrand.us
570 Applewood Crescent
Vaughan, Ontario L4K 4B4
Phone:905.738.9195
www.legrand.ca



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com