Electronic Components Datasheet Search
  English  ▼

X  

818 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 818
Description  Low Voltage and Power Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

818 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  818 Datasheet HTML 1Page - List of Unclassifed Manufacturers 818 Datasheet HTML 2Page - List of Unclassifed Manufacturers 818 Datasheet HTML 3Page - List of Unclassifed Manufacturers 818 Datasheet HTML 4Page - List of Unclassifed Manufacturers 818 Datasheet HTML 5Page - List of Unclassifed Manufacturers 818 Datasheet HTML 6Page - List of Unclassifed Manufacturers 818 Datasheet HTML 7Page - List of Unclassifed Manufacturers 818 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Catalog No./Item
Description/Specifications
400WC
Wire Clip – For holding conductors
800WC
in place.
2300WC
406
Cover Clip – For covering joint
806
where two pieces of 400BAC,
2306
800BAC or 2300BAC Series
Raceway cover come together.
410B
Blank End Fitting – For closing
810B
open end of 400BAC, 800BAC, or
2310B
2300BAC Raceway Series.
411*
90˚ Flat Elbow – For right angle
turns on same surface.
415*
Tee – For branches at right angles.
417*
Internal Elbow – For surfaces at
right angles.
CAT NO.
A
406
13/16" (20.6mm)
806
1" (25mm)
2306
2" (51mm)
Catalog No./Item
Description/Specifications
418
90˚ External Elbow – For
818
right angle turns around
2318*
external corners.
PVC-1
PVC Cutter – Regular duty
cutter. Ideal for use with small
nonmetallic raceway.
810A2
Entrance End Fitting – For
connecting 400 or 800 Series
Raceway with 1/2" trade size
conduit or armored cable. 1/2"
trade size KO on end and bottom.
811
90º Flat Elbow – For right angle
2311* **
turns on same surface.
815
Tee – For right angles turns on
2315* **
same surface.
817
Internal Elbow – For surfaces at
2317*
right angles.
889A
Reducing Connector (800-400) –
For transitioning from 800 to
400 Series Raceway.
1 1/2"
(38mm)
2"
(51mm)
1 1/2"
(38mm)
1 7/16"
(37mm)
4 1/4"
(108mm)
CAT NO.
A
400WC 1/2"
(12.7mm)
800WC 1"
(25mm)
2300WC 1"
(25mm)
400, 800, 2300, 2000D Series Fittings Ordering Information
A
A
A
CAT NO.
A
418
11/2
(38mm)
818
2" (51mm)
2318
2 1/2" (64mm)
CAT NO.
A
B
815
4 1/8" (105mm)
2 3/4" (70mm)
2315
6" (152mm)
4 1/8" (105mm)
CAT NO.
A
B
C
410B
13/16" (20.6mm)
1/2" (12.7mm)
3/8 (9.5mm)
810B
1 1/4" (32mm)
1/2" (12.7mm)
3/8 (9.5mm)
2310B
2 1/4" (57mm)
1" (25mm)
3/8 (9.5mm)
NOTE: No suffix denotes ivory finish. Add “–WH” suffix for
white finish.
* For 2300BAC and 2300BACD Raceway must be mitered to
use 2311 and 2318. 2315 cannot be used in divided raceway.
1 3/8"
(35mm)
2 1/16"
(53mm)
2 5/32"
(55mm)
1 3/8"
(35mm)
2"
(51mm)
3 3/16"
(81mm)
1 1/2"
(38mm)
A
B
A
CAT NO.
A
817
2" (51mm)
2317
2 1/2" (64mm)
A
B
C
A
CAT NO.
A
811
2 1/2" (64mm)
2311
4 3/16" (106mm)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com