Electronic Components Datasheet Search
  English  ▼

X  

TPS63100 Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS63100
Description  TPS63100 High Power Density 3-A Switch Buck-Boost Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS63100 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS63100 Datasheet HTML 9Page - Texas Instruments TPS63100 Datasheet HTML 10Page - Texas Instruments TPS63100 Datasheet HTML 11Page - Texas Instruments TPS63100 Datasheet HTML 12Page - Texas Instruments TPS63100 Datasheet HTML 13Page - Texas Instruments TPS63100 Datasheet HTML 14Page - Texas Instruments TPS63100 Datasheet HTML 15Page - Texas Instruments TPS63100 Datasheet HTML 16Page - Texas Instruments TPS63100 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
Table 8-2. List of Recommended Inductors
INDUCTOR
VALUE [µH]
SATURATION
CURRENT [A]
DCR [mΩ]
PART NUMBER
MANUFACTURER(1)
SIZE
(L × W × H
mm)
1
4.7
30
CIGT252010EH1R0MNE
Semco
2.5 × 2.0 ×
1.0
1
4.2
43
HTEK20161T-1R0MSR
Cyntec
2.0 × 1.6 ×
1.0
1
2.2
75
MAKK2016T1R0M (2)
Taiyo Yuden
2.0 × 1.6 ×
1.0
1
2.0
144
DFE18SAN1R0ME0 (2)
Murata
1.6 × 0.8 ×
0.8
(1)
See the Third-Party Products Disclaimer.
(2)
This inductor does not support full output current range.
8.2.2.3 Output Capacitor Selection
For the output capacitor, use small ceramic capacitors placed as close as possible to the VOUT and PGND pins
of the IC. The recommended nominal output capacitor value is a single 47 µF. If, for any reason, the application
requires the use of large capacitors that cannot be placed close to the IC, use a smaller ceramic capacitor in
parallel to the large capacitor. The small capacitor should be placed as close as possible to the VOUT and
PGND pins of the IC.
It is important that the effective capacitance is given according to the recommended value in Section 6.3. In
general, consider DC bias effects resulting in less effective capacitance. The choice of the output capacitance
is mainly a tradeoff between size and transient behavior as higher capacitance reduces transient response
over/undershoot and increases transient response time. Possible output capacitors are listed in Table 8-3.
There is no upper limit for the output capacitance value.
Table 8-3. List of Recommended Capacitors
CAPACITOR
VALUE [µF]
VOLTAGE RATING [V]
ESR [mΩ]
PART NUMBER
MANUFACTURER(1)
SIZE
(METRIC)
47
6.3
10
GRM219R60J476ME44
Murata
0805 (2012)
47
10
40
CL10A476MQ8QRN
Semco
0603 (1608)
(1)
See the Third-Party Products Disclaimer.
8.2.2.4 Input Capacitor Selection
A 22-µF input capacitor is recommended to improve line transient behavior of the regulator and EMI behavior
of the total power supply circuit. An X5R or X7R ceramic capacitor placed as close as possible to the VIN and
PGND pins of the IC is recommended. This capacitance can be increased without limit. If the input supply is
located more than a few inches from the TPS63100, additional bulk capacitance can be required in addition to
the ceramic bypass capacitors. An electrolytic or tantalum capacitor with a value of 47 µF is a typical choice.
Table 8-4. List of Recommended Capacitors
CAPACITOR
VALUE [µF]
VOLTAGE RATING [V]
ESR [mΩ]
PART NUMBER
MANUFACTURER(1)
SIZE
(METRIC)
22
6.3
43
GRM187R61A226ME15
Murata
0603 (1608)
10
10
40
GRM188R61A106ME69
Murata
0603 (1608)
(1)
See the Third-Party Products Disclaimer.
8.2.2.5 Setting the Output Voltage
The output voltage is set by an external resistor divider. The resistor divider must be connected between VOUT,
FB, and GND. The feedback voltage is 500 mV nominal.
The low-side resistor R2 (between FB and GND) should not exceed 100 kΩ. The high-side resistor (between FB
and VOUT) R1 is calculated with Equation 4.
www.ti.com
TPS63100
SLVSFH3 – OCTOBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TPS63100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com