Electronic Components Datasheet Search
  English  ▼

X  

GS74116TP Datasheet(PDF) 13 Page - GSI Technology

Part # GS74116TP
Description  256K x 16 4Mb Asynchronous SRAM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS74116TP Datasheet(HTML) 13 Page - GSI Technology

Back Button GS74116TP Datasheet HTML 6Page - GSI Technology GS74116TP Datasheet HTML 7Page - GSI Technology GS74116TP Datasheet HTML 8Page - GSI Technology GS74116TP Datasheet HTML 9Page - GSI Technology GS74116TP Datasheet HTML 10Page - GSI Technology GS74116TP Datasheet HTML 11Page - GSI Technology GS74116TP Datasheet HTML 12Page - GSI Technology GS74116TP Datasheet HTML 13Page - GSI Technology GS74116TP Datasheet HTML 14Page - GSI Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Rev: 2.02 3/2000
13/14
© 1999, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
N
GS74116TP/J/U
* Customers requiring delivery in Tape and Reel should add the character “T” to the end of the part number. For example: GS74116TP-10T
Ordering Information
Part Number*
Package
Access Time
Temp. Range
Status
GS74116TP-8
400 mil TSOP-II
8 ns
Commercial
GS74116TP-10
400 mil TSOP-II
10 ns
Commercial
GS74116TP-12
400 mil TSOP-II
12 ns
Commercial
GS74116TP-15
400 mil TSOP-II
15 ns
Commercial
GS74116TP-8I
400 mil TSOP-II
8 ns
Industrial
GS74116TP-10I
400 mil TSOP-II
10 ns
Industrial
GS74116TP-12I
400 mil TSOP-II
12 ns
Industrial
GS74116TP-15I
400 mil TSOP-II
15 ns
Industrial
GS74116J-8
400 mil SOJ
8 ns
Commercial
GS74116J-10
400 mil SOJ
10 ns
Commercial
GS74116J-12
400 mil SOJ
12 ns
Commercial
GS74116J-15
400 mil SOJ
15 ns
Commercial
GS74116J-8I
400 mil SOJ
8 ns
Industrial
GS74116J-10I
400 mil SOJ
10 ns
Industrial
GS74116J-12I
400 mil SOJ
12 ns
Industrial
GS74116J-15I
400 mil SOJ
15 ns
Industrial
GS74116U-8
Fine Pitch BGA
8 ns
Commercial
GS74116U-10
Fine Pitch BGA
10 ns
Commercial
GS74116U-12
Fine Pitch BGA
12 ns
Commercial
GS74116U-15
Fine Pitch BGA
15 ns
Commercial
GS74116U-8I
Fine Pitch BGA
8 ns
Industrial
GS74116U-10I
Fine Pitch BGA
10 ns
Industrial
GS74116U-12I
Fine Pitch BGA
12 ns
Industrial
GS74116U-15I
Fine Pitch BGA
15 ns
Industrial



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com